전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AD023-00 데이터시트(PDF) 1 Page - RHOPOINT COMPONENTS

부품명 AD023-00
부품 상세설명  GMR Digital Sensor Evaluation Kit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RHOPOINT [RHOPOINT COMPONENTS]
홈페이지  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

AD023-00 데이터시트(HTML) 1 Page - RHOPOINT COMPONENTS

  AD023-00 Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhopoint Components Ltd
Tel: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Germany: +49 (0) 692 199 8606
Fax: +49 (0) 692 199 8595
Email: sales@rhopointcomponents.com
Website: www.rhopointcomponents.com
This kit was created to
facilitate
laboratory
experimentation
and
developed using
GMR
digital
switch
output
sensors. The kit consists
of 16 distinct GMR
sensors that span the
magnetic field range and
output types available in
the AD series. All sensors
in this kit are packaged in
the TSSOP miniature
surface mount package.
The kit also includes a
ceramic bar magnet, printed circuit board (PCB) and a TSSOP ZIF
socket with Kelvin contacts.
The kit consists of the following:
GMR Digital Sensor Evaluation Kit
AG910
Part
Part
Output
Output
Level and Axis of
Number
Marking type
Configuration
Sensitivity
(Specified by 3rd
(Specified by 4th &
Character)
5th Characters)
of Part No.
of Part No.
AD004-00 BBH
0:= Single 20mA
04:= Std Axis, 20 Oe
AD005-00 BBG
Sink Output
05:= Std Axis, 40 Oe
AD006-00 BBJ
Single
1:= Single 20mA
06:= Std Axis, 80 Oe
AD020-00 BBK
Sink
Source Output
20:= Std Axis, 28 Oe
AD021-00 BBB
2:= 20mA Source
21:= Cross Axis, 20 Oe
AD022-00 BBC
Output & 20mA
22:= Cross Axis, 40 Oe
AD023-00 BBD
Sink Output
23:= Cross Axis, 80 Oe
AD024-00 BBF
3:= Dual 20mA
24:= Cross Axis, 28 Oe
AD105-00 DBG
Single
Sink Outputs
AD122-00 DBC
Source
6:= 20mA Source
AD222-00 FBC
Sink/
Output + 20mA Sink
AD224-00 FBF
Source
Output and External
AD320-00 GBK
Sink/
Regulated Voltage
AD324-00 GBF
Sink
7:= Dual Sink
AD624-00 KBF
Sink/
Outputs +
Source/
External
Vreg
Regulated Voltage
AD724-00 LBF
Sink/
Sink/
Vreg
AG910-06 N/A
N/A
2.5 x 5cm PCB
SB-015
N/A
N/A
GMR Switch Brochure
SN 12100 N/A
N/A
TSSOP Socket
SN 12032 N/A
N/A
Ceramic Magnet,
2.5 x 0.6 x 1cm
GMR Switch Digital Evaluation Kit Parts List


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn