전자부품 데이터시트 검색엔진 |
|
AD105-00 데이터시트(PDF) 1 Page - RHOPOINT COMPONENTS |
|
AD105-00 데이터시트(HTML) 1 Page - RHOPOINT COMPONENTS |
|
1 / 1 page Rhopoint Components Ltd Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255 Germany: +49 (0) 692 199 8606 Fax: +49 (0) 692 199 8595 Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com This kit was created to facilitate laboratory experimentation and developed using GMR digital switch output sensors. The kit consists of 16 distinct GMR sensors that span the magnetic field range and output types available in the AD series. All sensors in this kit are packaged in the TSSOP miniature surface mount package. The kit also includes a ceramic bar magnet, printed circuit board (PCB) and a TSSOP ZIF socket with Kelvin contacts. The kit consists of the following: GMR Digital Sensor Evaluation Kit AG910 Part Part Output Output Level and Axis of Number Marking type Configuration Sensitivity (Specified by 3rd (Specified by 4th & Character) 5th Characters) of Part No. of Part No. AD004-00 BBH 0:= Single 20mA 04:= Std Axis, 20 Oe AD005-00 BBG Sink Output 05:= Std Axis, 40 Oe AD006-00 BBJ Single 1:= Single 20mA 06:= Std Axis, 80 Oe AD020-00 BBK Sink Source Output 20:= Std Axis, 28 Oe AD021-00 BBB 2:= 20mA Source 21:= Cross Axis, 20 Oe AD022-00 BBC Output & 20mA 22:= Cross Axis, 40 Oe AD023-00 BBD Sink Output 23:= Cross Axis, 80 Oe AD024-00 BBF 3:= Dual 20mA 24:= Cross Axis, 28 Oe AD105-00 DBG Single Sink Outputs AD122-00 DBC Source 6:= 20mA Source AD222-00 FBC Sink/ Output + 20mA Sink AD224-00 FBF Source Output and External AD320-00 GBK Sink/ Regulated Voltage AD324-00 GBF Sink 7:= Dual Sink AD624-00 KBF Sink/ Outputs + Source/ External Vreg Regulated Voltage AD724-00 LBF Sink/ Sink/ Vreg AG910-06 N/A N/A 2.5 x 5cm PCB SB-015 N/A N/A GMR Switch Brochure SN 12100 N/A N/A TSSOP Socket SN 12032 N/A N/A Ceramic Magnet, 2.5 x 0.6 x 1cm GMR Switch Digital Evaluation Kit Parts List |
유사한 부품 번호 - AD105-00 |
|
유사한 설명 - AD105-00 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |