전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA08-11CGKWA 데이터시트(PDF) 1 Page - Kingbright Corporation

부품명 SA08-11CGKWA
상세설명  20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA08-11CGKWA 데이터시트(HTML) 1 Page - Kingbright Corporation

  SA08-11CGKWA Datasheet HTML 1Page - Kingbright Corporation SA08-11CGKWA Datasheet HTML 2Page - Kingbright Corporation SA08-11CGKWA Datasheet HTML 3Page - Kingbright Corporation SA08-11CGKWA Datasheet HTML 4Page - Kingbright Corporation SA08-11CGKWA Datasheet HTML 5Page - Kingbright Corporation SA08-11CGKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8551
REV NO: V.2A
DATE: MAR/31/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Q.M.Chen
ERP: 1301001894
20.32mm (0.8INCH) SINGLE DIGIT
NUMERIC DISPLAY
Part Number: SA08-11CGKWA
Green
Features
0.8 inch digit height.
Low current operation.
Excellent character appearance.
Easy mounting on P.C. boards or sockets.
Categorized for luminous intensity.
Mechanically rugged.
Standard : gray face, white segment.
RoHS compliant.
Description
The Green source color devices are made with AlGaInP on
GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


유사한 부품 번호 - SA08-11CGKWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SA08-11EWA KINGBRIGHT-SA08-11EWA Datasheet
162Kb / 3P
   Standard-Displays
SA08-11EWA KINGBRIGHT-SA08-11EWA Datasheet
186Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-11GWA KINGBRIGHT-SA08-11GWA Datasheet
162Kb / 3P
   Standard-Displays
SA08-11GWA KINGBRIGHT-SA08-11GWA Datasheet
133Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-11HWA KINGBRIGHT-SA08-11HWA Datasheet
162Kb / 3P
   Standard-Displays
More results

유사한 설명 - SA08-11CGKWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SC08-11CGKWA KINGBRIGHT-SC08-11CGKWA Datasheet
348Kb / 6P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-13YWA KINGBRIGHT-SC08-13YWA Datasheet
78Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-13GWA KINGBRIGHT-SC08-13GWA Datasheet
78Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-12SRWA KINGBRIGHT-SC08-12SRWA Datasheet
189Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-21EWA KINGBRIGHT-SA08-21EWA Datasheet
185Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-12SRWA KINGBRIGHT-SA08-12SRWA Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-11YWA KINGBRIGHT-SA08-11YWA Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-11GWA KINGBRIGHT-SC08-11GWA Datasheet
110Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-21EWA KINGBRIGHT-SC08-21EWA Datasheet
68Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-13SRWA KINGBRIGHT-SA08-13SRWA Datasheet
129Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-21EWA KINGBRIGHT-SC08-21EWA_07 Datasheet
184Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com