전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81314PD18 데이터시트(PDF) 4 Page - GSI Technology

부품명 GS81314PD18
상세설명  144Mb SigmaQuad-IVe??Burst of 4 Multi-Bank ECCRAM?
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314PD18 데이터시트(HTML) 4 Page - GSI Technology

  GS81314PD18 Datasheet HTML 1Page - GSI Technology GS81314PD18 Datasheet HTML 2Page - GSI Technology GS81314PD18 Datasheet HTML 3Page - GSI Technology GS81314PD18 Datasheet HTML 4Page - GSI Technology GS81314PD18 Datasheet HTML 5Page - GSI Technology GS81314PD18 Datasheet HTML 6Page - GSI Technology GS81314PD18 Datasheet HTML 7Page - GSI Technology GS81314PD18 Datasheet HTML 8Page - GSI Technology GS81314PD18 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
GS81314PD18/36GK-133/120/106
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.09 5/2016
4/39
© 2014, GSI Technology
Pin Description
Symbol
Description
Type
SA[21:1]
Address — Read or write address is registered on
CK.
Input
D[35:0]
Write Data — Registered on
KD and KD during Write operations.
D[17:0] - x18 and x36.
D[35:18] - x36 only.
Input
DINV[3:0]
Write Data Inversion — Registered on
KD and KD (along with write data) during Write operations. 
Indicate if the associated write data byte is inverted (DINVx = 1) or not (DINVx = 0).
DINV0 - associated with D[8:0] in x18 and x36.
DINV1 - associated with D[17:9] in x18 and x36.
DINV2 - associated with D[26:18] in x36 only.
DINV3 - associated with D[35:27] in x36 only.
Note: Treated as NU inputs when Data Inversion is disabled.
Input
Q[35:0]
Read Data — Aligned with
CQ and CQ during Read operations.
Q[17:0] - x18 and x36.
Q[35:18] - x36 only.
Output
QINV[3:0]
Read Data Inversion — Aligned with
CQ and CQ (along with read data) during Read operations. 
Indicate if the associated read data byte is inverted (QINVx = 1) or not (QINVx = 0).
QINV0 - associated with Q[8:0] in x18 and x36.
QINV1 - associated with Q[17:9] in x18 and x36.
QINV2 - associated with Q[26:18] in x36 only.
QINV3 - associated with Q[35:27] in x36 only.
Note: Treated as NU outputs when Data Inversion is disabled.
Output
QVLD[1:0]
Read Data Valid — Driven high one half cycle before valid read data.
Output
CK, CK
Primary Input Clocks — Dual single-ended. Used for latching address and control inputs, for internal timing
control, and for output timing control.
Input
KD[1:0],
KD[1:0]
Write Data Input Clocks — Dual single-ended. Used for latching write data inputs.
KD0, KD0: latch D[17:0], DINV[1:0] in x36, and D[8:0], DINV0 in x18.
KD1, KD1: latch D[35:18], DINV[3:2] in x36, and D[17:9], DINV1 in x18.
Input
CQ[1:0],
CQ[1:0]
Read Data Output Clocks — Free-running output (echo) clocks, tightly aligned with read data outputs.
Facilitate source-synchronous operation.
CQ0, CQ0: align with Q[17:0], QINV[1:0] in x36, and Q[8:0], QINV0 in x18.
CQ1, CQ1: align with Q[35:18], QINV[3:2] in x36, and Q[17:9], QINV1 in x18.
Output
R
Read Enable — Registered on
CK. See the Clock Truth Table for functionality.
Input
W
Write Enable — Registered on
CK. See the Clock Truth Table for functionality.
Input
MRW
Mode Register Write — Registered on
CK. Can be used synchronously or asynchronously to enable Reg-
ister Write Mode. See the State and Clock Truth Tables for functionality.
Input
PLL
PLL Enable — Weakly pulled High internally.
PLL = 0: disables internal PLL.
PLL = 1: enables internal PLL.
Input
RST
Reset — Holds the device inactive and resets the device to its initial power-on state when asserted High.
Weakly pulled Low internally.
Input


유사한 부품 번호 - GS81314PD18

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314PD18GK-106I GSI-GS81314PD18GK-106I Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
GS81314PD18GK-133 GSI-GS81314PD18GK-133 Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
More results

유사한 설명 - GS81314PD18

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314PQ18 GSI-GS81314PQ18 Datasheet
490Kb / 39P
   144Mb SigmaQuad-IVe??Burst of 2 Multi-Bank ECCRAM?
GS81314PD19 GSI-GS81314PD19 Datasheet
487Kb / 39P
   144Mb SigmaQuad-IVe??Burst of 4 Single-Bank ECCRAM?
GS81314LQ18 GSI-GS81314LQ18 Datasheet
489Kb / 40P
   144Mb SigmaQuad-IVe??Burst of 2 Multi-Bank ECCRAM?
GS81314LD19 GSI-GS81314LD19 Datasheet
487Kb / 39P
   144Mb SigmaQuad-IVe??Burst of 4 Single-Bank ECCRAM?
GS81314LQ19 GSI-GS81314LQ19 Datasheet
482Kb / 39P
   144Mb SigmaQuad-IVe??Burst of 2 Single-Bank ECCRAM?
GS81314LT19 GSI-GS81314LT19 Datasheet
513Kb / 42P
   144Mb SigmaDDR-IVe??Burst of 2 Single-Bank ECCRAM?
GS81314PT18 GSI-GS81314PT18 Datasheet
497Kb / 40P
   144Mb SigmaDDR-IVe??Burst of 2 Single-Bank ECCRAM?
GS81313LD18 GSI-GS81313LD18 Datasheet
357Kb / 26P
   144Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS81314PD36GK-106I GSI-GS81314PD36GK-106I Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD18GK-106I GSI-GS81314LD18GK-106I Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com