전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI786CG 데이터시트(PDF) 10 Page - Vishay Siliconix

부품명 SI786CG
상세설명  Dual-Output Power-Supply Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI786CG 데이터시트(HTML) 10 Page - Vishay Siliconix

Back Button SI786CG Datasheet HTML 6Page - Vishay Siliconix SI786CG Datasheet HTML 7Page - Vishay Siliconix SI786CG Datasheet HTML 8Page - Vishay Siliconix SI786CG Datasheet HTML 9Page - Vishay Siliconix SI786CG Datasheet HTML 10Page - Vishay Siliconix SI786CG Datasheet HTML 11Page - Vishay Siliconix SI786CG Datasheet HTML 12Page - Vishay Siliconix SI786CG Datasheet HTML 13Page - Vishay Siliconix SI786CG Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Si786
Vishay Siliconix
www.vishay.com
10
Document Number: 70189
S-40807—Rev. J, 26-Apr-04
SCHEMATIC DRAWINGS
COMPARATOR SUPPLY INPUT
CS3
FB3
SS5
Si786
DH5
ON3
LX3
D1
BST3
D2
VH
Q2
DL5
V+
VL
17
16
18
22
25
27
26
23
21
15
19
24
1
28
Q1
FB5
GND
PGND
REF
DL3
SYNC
BST5
SHDN
ON5
SS3
LX5
DH3
CS5
8
4
6
14
3
13
12
2
20
7
5
11
9
10
N3
D1
D1FS4
(Note 1)
N3
D1
D1FS4
(Note 1)
INPUT
5.5 V to 30 V
3.3 V
at 3 A
C7
150 mF
C12
150 mF
R1
25 mW
L1
10 mH
N1
N2
D2A
1N4148
D2B
1N4148
C5
0.1 mF
C4
0.1 mF
C1
22 mF
C10
22 mF
10 mF
5 V at 5 mA
5 V at
3 A
C6
330 mF
R2
25 mW
L2
10 mH
C9
0.01 mF
C8
0.01 mF
3.3 V ON/OFF
5 V ON/OFF
SHUTDOWN
OSC SYNC
IN
OUT
IN
OUT
COMPARATOR 1
COMPARATOR 2
3.3 V at 5 mA
C3
1 mF
FIGURE 1.
Si786 Application Circuit
Note 1: Use short, Kelvin-connected
PC board traces placed very
close to one another.
0.1 mF
100 W
FIGURE 2.
Si786 Block Diagram
5-V LDO
Linear
Regulator
3.3-V
Reference
ON
300 kHz/200 kHz
Oscillator
ON
3.3-V
PWM
Controller
(See Figure 3)
5-V
PWM
Controller
(See Figure 3)
STANDBY
FB3
CS3
BST3
DH3
LX3
DL3
SS3
ON3
ON5
VH
Q1
Q2
PGND
FB5
CS5
BST5
DH5
LX5
DL5
SS5
V+
VL
REF
SHDN
SYNC
D1
1.65 V
D2
1.65 V
4.5 V
4 V
2.8 V
ON
ON


유사한 부품 번호 - SI786CG

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7860ADP VISHAY-SI7860ADP Datasheet
42Kb / 5P
   N-Channel Reduced, Fast Switching MOSFET
Rev. A, 29-Dec-03
SI7860DP VISHAY-SI7860DP Datasheet
59Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 13-Oct-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7862ADP VISHAY-SI7862ADP Datasheet
297Kb / 12P
   N-Channel 16-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7862ADP VISHAY-SI7862ADP Datasheet
298Kb / 12P
   N-Channel 16-V (D-S) MOSFET
08-Feb-17
More results

유사한 설명 - SI786CG

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
logo
Maxim Integrated Produc...
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
   Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
   Dual Power Supply Controller
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
logo
STMicroelectronics
L4992 STMICROELECTRONICS-L4992 Datasheet
296Kb / 26P
   TRIPLE OUTPUT POWER SUPPLY CONTROLLER
June 2000
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com