전자부품 데이터시트 검색엔진 |
|
CX3039 데이터시트(PDF) 2 Page - Pulse A Technitrol Company |
|
CX3039 데이터시트(HTML) 2 Page - Pulse A Technitrol Company |
2 / 2 page 8 www.pulseeng.com G003.U (2/07) RF, HFC & CATV APPLICATIONS (continued) Wideband RF Transformers Part Impedance Bandwidth (MHz TYP) Package Data Number Ratio 3 dB 2 dB 1 dB Style Sheet Part Impedance Bandwidth (MHz TYP) Package Data Number Ratio 3 dB 2 dB 1 dB Style Sheet CX2068 1:12.25 0.1-150 0.5-100 1.5-50 THT C206 C2139NL 3 1:1 — — 5-1000 SMT 2 C244 CX2148 1:1 — — 5-500 SMT C224 CX2148A 1:1 — — 5-500 SMT C224 CX2149 1:1 — Up to 1500 10-1200 SMT 2 C217 CX2155 1:1 — — 5-500 SMT C238 CX2156 1:1 — — 2.3-2700 SMT C215 CX2024 1:1 — Up to 1500 10-1200 SMT 2 C217 CX2038L 1 1:1 — Up to 1500 4.5-1000 SMT 2 C203 CX2039L 1 1:1 — Up to 1500 4.5-1000 SMT 2 C203 CX2040L 1 1:1 1.5-500 2.5-400 5-350 SMT 2 C203 CX2041 1:1 0.05-450 0.75-300 0.1-200 SMT 2 C203 CX2050 1:1 0.15-400 — — 6-pin SMT C206 CX2060 1:1 0.15-400 — — 6-pin THT C206 CX2072 1:1 Up to 1500 10-1000 5-pin SMT C227 CX2078 1:1 — 5-500 5-pin SMT C215 CX2076 1:1 — Up to 2150 SMT 2 C233 CX2043L 1 1:1.5 — — 1-1000 SMT 2 C203 CX2044L 1 1:1.5 — 1-500 5-100 SMT 2 C203 CX2081 1:1.5 CT 5.0-125 — — 5-pin SMT C215 CX2039 1:1 (50 Ω ) — Up to 1500 4.5-1000 SMT 2 C203 CX2038 1:1 (75 Ω ) — Up to 1500 4.5-1000 SMT 2 C203 CX2052 1:1CT 0.08-200 — — 6-pin SMT C206 CX2062 1:1CT 0.08-200 — — 6-pin THT C206 CX2147 1:1CT — — 1-160 SMT C242 CX2157 1:1CT 0.4-800 0.5-700 1-600 SMT 2 C232 CX2045L 1 1:2 — — 3-300 SMT 2 C203 CX2047L 1 1:4 — .5-300 1.5-100 SMT 2 C203 C2022 1:4CT 0.100-500 0.150-390 .300-220 6-pin SMT C200 C2073 1:4CT — 1-500 1-200 SMT 2 C224 C2073A 1:4CT — 1-500 1-200 SMT 2 C224 CX2032 1:4CT — — 5-165 Low Profile C210 CX2047 1:4CT — 0.50-300 1.5-100 SMT 2 C203 CX2054 1:4CT 0.20-350 — — 6-pin SMT C206 CX2064 1:4CT 0.20-350 — — 6-pin THT C206 CX2065 1:4CT 0.02-250 — — 6-pin THT C206 CX2074 1:4CT — — 5-170 SMT C242 CX2158 1:4CT 2-775 3-600 6-250 SMT 2 C232 CX2049L 1 1:8 2-500 — — SMT 2 C203 CX2059 1:9 0.15-200 — — 6-pin SMT C206 C2020 1CT:1CT 0.150-210 .200-150 .350-90 6-pin SMT C200 C2042 1CT:1CT 0.30-300 0.40-200 0.5-90 6-pin SMT C210 CX2029 36:1CT 0.05-21 — — SMT 2 C203 CX2141 4CT:1CT 0.3 - 300 0.4 - 200 0.5 - 90 SMT 2 C232 CX2142 1:1 — — 50-870 SMT 2 C232 C2160 2.65:1 Up to 130 Up to 100 0.40-70 SMT 2 C232 1. L = Low cost 2. Leadless 3. NL = Lead-free THT - Through Hole Package SMT - Surface Mount Package BROADBAND: RF & WIRELESS Broadband: RF & Wireless |
유사한 부품 번호 - CX3039 |
|
유사한 설명 - CX3039 |