전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB24003 데이터시트(PDF) 3 Page - Pulse A Technitrol Company

부품명 SB24003
상세설명  ANTENNAS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SB24003 데이터시트(HTML) 3 Page - Pulse A Technitrol Company

  SB24003 Datasheet HTML 1Page - Pulse A Technitrol Company SB24003 Datasheet HTML 2Page - Pulse A Technitrol Company SB24003 Datasheet HTML 3Page - Pulse A Technitrol Company SB24003 Datasheet HTML 4Page - Pulse A Technitrol Company SB24003 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
24
www.pulseeng.com
G003.U (2/07)
The Larsen antenna product line offers the highest quality, most reliable antennas in the automotive industry. The Larsen antennas
combine premium materials with high efficiency designs, which deliver antennas with superior mechanical durability and electrical
performance. UV, chemical and impact resistant Makroblend ® bases help ensure the highest performance for all your mobile
applications. “Traditional-style” mobile antennas are available from 27 MHz to 5.9 GHz, as well as many “multi-band” designs. Whether
you need communication interoperability, radio communication, data transmission, increased cellular/PCS coverage or GPS tracking,
Larsen antennas are the solution.
Larsen antennas consist of over 1000 different automotive antenna options. Please contact the factory for more information or to order
an all-inclusive catalog at
info@larsen.pulseeng.com or call 800-268-3662.
LARSEN
® ANTENNAS
AUTOMOTIVE
Single-Band 1
Multi-Band 1
NMOWB150C
135-174
2
NMO Wide Band 4
51.75 / 1314
⎯⎯
NMO450C
450-750
5.6
NMO UHF Field Tunable 4
33 / 838
⎯⎯
LP800NMO
806-960
2
NMO Low Profile 4
1.25 / 32
⎯⎯
NMOQW900
890-970
2
NMO 1/4 Wave 4
3/76
⎯⎯
GPSGM
1575.4
5 dBic
GPS Glass Mount
1.7 / 43
RG-174
NMO5E2400B
2400-2500
5
NMO Whip 4
8.54 / 217
⎯⎯
1. Antennas available in multiple frequencies and mounting options.
3. Variety of connectors available. Order separately.
2. Variety of coax available. Order separately.
4. All NMO antennas require an NMO mount for installation.
1. Antennas available in multiple frequencies and mounting options.
3. Variety of connectors available. Order separately.
2. Variety of coax available. Order separately.
4. All NMO antennas require an NMO mount for installation.
Part
Frequency
Gain
Description
Length
Coax 2
Connector 3
Number
(MHz)
(dBi)
(in / mm)
Part
Frequency
Gain
Description
Length
Coax 2
Connector 3
Number
(MHz)
(dBi)
(in / mm)
NMO150/450/800
150-165 / 450-470 / 806-940
-7 / 0 / 1
NMO Tri Band 4
16.5 / 419
⎯⎯
KGC/P3EUD
824-896 / 1850-1990
5.2 / 5.2
Glass Mount Dual Band
13 330
RG-58U Dual Shield
No Conn
LPT825/18NMOHF
806-960 / 1710-1990 / 2400
3 / 4 / 3
Low Profile Transit 4
3.5 / 89
⎯⎯
MMC/P3EFME
824-960 / 1850-1990
4 / 4
Dual Band Magnetic Mount
5 / 127
RG-58 Low Loss Dual Shield
FME
NMOC/P3E
824-960 / 1850-1990
4 / 4
Dual Band NMO Mount 4
4.7 / 119
⎯⎯
GPSCPOO
824-960 / 1710-1990 / 1575.42
2 / 2 / 4.5dBic
Direct Feed GPS Tri Band
7.6 / 193
RG-174
TNC/SMA
GPSCWCPOO
824-960 / 1710-1990 / 1575.42
2 / 1.5 / 4.5dBic
Roof Mount GPS Tri Band
3.9 / 99
RG-174
TNC/SMA
Automotive
Single-Band
Solutions
Automotive
Multi-Band
Solutions
LARSEN
®
Antennas


유사한 부품 번호 - SB24003

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
SB24003 PULSE-SB24003 Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
SB24003 PULSE-SB24003 Datasheet
503Kb / 3P
   All NMO mount antennas listed in this catalog section require the NMOHF-style
More results

유사한 설명 - SB24003

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
   Amplified antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
   HORN ANTENNAS
logo
Pulse A Technitrol Comp...
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
   LORA Antennas
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
logo
Molex Electronics Ltd.
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
   GNSS Antennas
2020.02
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
   IoT Antennas
ISM-K PULSE-ISM-K Datasheet
394Kb / 4P
   ISM Antennas
logo
Molex Electronics Ltd.
987651-3851 MOLEX-987651-3851 Datasheet
403Kb / 2P
   Combo Antennas
2020.09
logo
Laird Tech Smart Techno...
YS2203 LSTD-YS2203 Datasheet
494Kb / 1P
   DIRECTIONAL YAGI ANTENNAS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com