전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI9948AEY 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI9948AEY
상세설명  Dual P-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9948AEY 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI9948AEY Datasheet HTML 1Page - Vishay Siliconix SI9948AEY Datasheet HTML 2Page - Vishay Siliconix SI9948AEY Datasheet HTML 3Page - Vishay Siliconix SI9948AEY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si9948AEY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70759
S-57253—Rev. B, 24-Feb-98
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –60 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –60 V, VGS = 0 V, TJ = 55_C
–10
mA
On-State Drain Currenta
ID(on)
VDS v –5 V, VGS = –10 V
–15
A
Drain-Source On-State Resistancea
rDS(on)
VGS = –10 V, ID = –2.6 A
0.14
0.17
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –4.5 V, ID = –2.1 A
0.20
0.26
W
Forward Transconductancea
gfs
VDS = –15 V, ID = –2.6 A
5.0
S
Diode Forward Voltagea
VSD
IS = –2.0 A, VGS = 0 V
–1.2
V
Dynamicb
Total Gate Charge
Qg
V30 V V
10 V I
2 6 A
10
20
C
Gate-Source Charge
Qgs
VDS = –30 V, VGS = –10 V, ID = –2.6 A
2.5
nC
Gate-Drain Charge
Qgd
1.8
Turn-On Delay Time
td(on)
V30 V R
30
W
8
20
Rise Time
tr
VDD = –30 V, RL = 30 W
I
1 A V
10 V R
6
W
10
20
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ –1 A, VGEN = –10 V, RG = 6 W
23
40
ns
Fall Time
tf
12
20
Source-Drain Reverse Recovery Time
trr
IF = –2.0 A, di/dt = 100 A/ms
50
90
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


유사한 부품 번호 - SI9948AEY

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
SI9948AEY UMW-SI9948AEY Datasheet
323Kb / 8P
   Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI9948AEY-T1-E3 VBSEMI-SI9948AEY-T1-E3 Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
More results

유사한 설명 - SI9948AEY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9407AEY VISHAY-SI9407AEY Datasheet
56Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 29-Nov-99
SUP90P06-09L VISHAY-SUP90P06-09L Datasheet
55Kb / 5P
   P-Channel 60-V (D-S) 175C MOSFET
Rev. A, 21-Jun-04
SUP65P06-20 VISHAY-SUP65P06-20 Datasheet
46Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 10-Dec-01
SUB65P06-20 VISHAY-SUB65P06-20 Datasheet
55Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 10-Dec-01
logo
Vaishali Semiconductor
SUD19P06-60L VAISH-SUD19P06-60L Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) 175C MOSFET
logo
Vishay Siliconix
SI4946EY VISHAY-SI4946EY Datasheet
44Kb / 4P
   Dual N-Channel 60-V (D-S), 175C MOSFET
Rev. D, 26-May-03
SUD10P06-280L VISHAY-SUD10P06-280L Datasheet
46Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. F, 18-Apr-02
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
SUP85N06 VISHAY-SUP85N06 Datasheet
49Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. C, 22-Apr-02
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com