전자부품 데이터시트 검색엔진 |
|
TA48L018F 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TA48L018F 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 10 page TA48L018,02,025,03,033,05F 2004-07-01 2 How to Order Product No. Package Packing Type and Unit for Orders TA48L**F On cut tape (TE12L): 100/tape section TA48L**F (TE12L) PW-MINI (SOT-89) Surface-mount package Embossed tape: 1000 pcs/tape Block Diagram Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Input voltage VIN 16 V Output current IOUT 0.15 A Operating temperature Topr −40~85 °C Junction temperature Tj 150 °C Storage temperature Tstg −55~150 °C Power dissipation PD 0.5 W Thermal resistance (Junction to ambient) Rth(j-a) 250 °C/W Note 1: External current and voltage (including negative voltage) should not be applied to pins not specified. Protection Function (reference) Characteristics Symbol Test Condition Min Typ. Max Unit Thermal shutdown TSD (Tj) ⎯ ⎯ 160 ⎯ °C Peak circuit current IPEAK VIN = VOUT + 2 V, Tj = 25°C ⎯ 0.27 ⎯ A Short circuit current ISC VIN = VOUT + 2 V, Tj = 25°C ⎯ 0.27 ⎯ A Note 2: Note 2: The maximum ratings should not be exceeded when the IC is actually used. 1IN 2OUT 3GND Reference voltage Over current protection Thermal shut down protection |
유사한 부품 번호 - TA48L018F |
|
유사한 설명 - TA48L018F |