전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STDA16B-S08 데이터시트(PDF) 2 Page - Vitec Power

부품명 STDA16B-S08
상세설명  15W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  Vitec [Vitec Power]
홈페이지  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA16B-S08 데이터시트(HTML) 2 Page - Vitec Power

  STDA16B-S08 Datasheet HTML 1Page - Vitec Power STDA16B-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
100
KHrs
Derate linearly from 100% load at 40°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: 165gs approx.
3.
(Exclude the input cord)
4.
Optional output connector.


유사한 부품 번호 - STDA16B-S08

제조업체부품명데이터시트상세설명
logo
Vitec Power
STDA16B-S08 Vitec-STDA16B-S08 Datasheet
350Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
More results

유사한 설명 - STDA16B-S08

제조업체부품명데이터시트상세설명
logo
Vitec Power
STDA16A Vitec-STDA16A Datasheet
438Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16B Vitec-STDA16B Datasheet
350Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16A-SERIES Vitec-STDA16A-SERIES Datasheet
427Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16C Vitec-STDA16C Datasheet
366Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16C-SERIES Vitec-STDA16C-SERIES Datasheet
366Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com