전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA20 데이터시트(PDF) 1 Page - XP Power Limited

부품명 CA20
상세설명  PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CA20 데이터시트(HTML) 1 Page - XP Power Limited

  CA20 Datasheet HTML 1Page - XP Power Limited CA20 Datasheet HTML 2Page - XP Power Limited CA20 Datasheet HTML 3Page - XP Power Limited CA20 Datasheet HTML 4Page - XP Power Limited CA20 Datasheet HTML 5Page - XP Power Limited CA20 Datasheet HTML 6Page - XP Power Limited CA20 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL
OUTPUT
VOLTAGE
(POSITIVE OR NEGATIVE)
MAXIMUM
OUTPUT
CURRENT*1
CA02
0 to 200V
0 to 5 mA
CA05
0 to 500V
0 to 2 mA
CA10
0 to 1,000V
0 to 1mA
CA12
0 to 1,250V
0 to 0.8 mA
CA20
0 to 2,000V
0 to 0.5 mA
Programming Voltage vs Output Voltage
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
Programming Voltage (0 to 100%)
4709CA
PAGE 1
WWW.XPPOWER.COM
200V to 2000V @ 1 Watt
PRODUCT DESCRIPTION
Complete List of Models on page 2
Proven
Reliability
OPTIONS
FEATURES
CA SERIES
PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
APPLICATIONS
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
• Very Low Ripple, as low as 5PPM!
• Precision Regulated
• Miniature Shielded Case, 1 cubic inch
• 0 to 100% Programmable output
• Voltage Monitor/ Readback
• High Stability, typically<25ppm/°C
• Wide Input Voltage Range
• Arc, Short Circuit Protected
12 Vin; indefinite
5 Vin; short duration, up to 1 minute
• Very Low EMI/RFI
• Precision On board Reference
• External Voltage or Potentiometer Programming
• Accessible Calibration Adjustment
• Sealed To Withstand Immersion Cleaning Processes
• Designed to meet the requirements of UL1950
• Proven Reliability, MTBF: >2.10 million hrs per Bellcore TR-332
• RoHS Compliant
• UL Recognized
Photomultiplier Tubes
Avalanche Photodiodes
Solid State Detectors
Electrophoresis
EO Lenses
Piezo Devices
Capacitor Charging
• Available with a 5VDC input voltage
Precision regulated, very low noise, high performance high voltage
power supplies are fully programmable (0 to 100%) and feature high
voltage monitor readback, on-board precision reference, wide input
voltage range and protection against arcs and short circuits all in a
miniature, shielded case. Please refer to our CA-T series data sheet
for extended temperature.
E344664
NOW
UL RECOGNIZED


유사한 부품 번호 - CA20

제조업체부품명데이터시트상세설명
logo
XP Power Limited
CA20-T XPPOWER-CA20-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Extech Instruments Corp...
CA200 EXTECH-CA200 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
CA200 EXTECH-CA200_15 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
logo
Fuji Electric
CA201 FUJI-CA201 Datasheet
8Kb / 1P
   FAST RECOVERY DIODE
logo
American Accurate Compo...
CA2018N1809 AAC-CA2018N1809 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
More results

유사한 설명 - CA20

제조업체부품명데이터시트상세설명
logo
XP Power Limited
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
C01 XPPOWER-C01 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Texas Instruments
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com