전자부품 데이터시트 검색엔진 |
|
SMA0204 데이터시트(PDF) 4 Page - Vishay Siliconix |
|
SMA0204 데이터시트(HTML) 4 Page - Vishay Siliconix |
4 / 15 page MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional www.vishay.com Vishay Beyschlag Revision: 02-Nov-15 4 Document Number: 28766 For technical questions, contact: filmresistorsleaded@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes • The products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER. • Standard products are not CECC approved. • Radial version (RB,UB) cannot be qualified according to CECC so these can only be ordered as standard products. PART NUMBER AND PRODUCT DESCRIPTION - Standard Products PART NUMBER: MBB02070C1001FCT00 M B B 02070 C 1001 F C T 0 0 TYPE/SIZE VARIANT TCR RESISTANCE TOLERANCE PACKAGING SPECIAL MBA0204 = MBA/SMA 0204 MBB0207 = MBB/SMA 0207 MBE0414 = MBE/SMA 0414 0 = neutral N = RB radial 5 mm for MBB/SMA0207 S = UB radial 2.5 mm for MBB/SMA0207 I = L0 welding joint not lacquered for MBB/SMA 0207 B = KL lacquered welding joint for MBA/SMA 0204 D = Ni wire for MBA/SMA 0204 D = ± 25 ppm/K C = ± 50 ppm/K Z = jumper 3 digit value 1 digit multiplier MULTIPLIER 7 = *10-3 8 = *10-2 9 = *10-1 0 = *100 1 = *101 2 = *102 3 = *103 4 = *104 5 = *105 6 = *106 0000 = jumper D = ± 0.5 % F = ± 1 % G = ± 2 % J = ± 5 % Z = jumper CT C1 RP R2 R4 N4 00 = standard Special termination wires for MBA/SMA 0204: FE = coppered steel CA = tinned CuAg NS = tinned Ni Product Description: MBB/SMA 0207-50 1 % CT 1K0 MBB/SMA 0207 - 50 1 % CT 1K0 TYPE/SIZE TCR TOLERANCE VARIANT PACKAGING RESISTANCE MBA/SMA 0204 MBB/SMA 0207 MBE/SMA 0414 ± 25 ppm/K ± 50 ppm/K ± 0.5 % ± 1.0 % ± 2.0 % ± 5.0 % RB UB L0 KL CT C1 RP R2 R4 N4 1K0 = 1 k Ω 51R1 = 51.1 Ω |
유사한 부품 번호 - SMA0204 |
|
유사한 설명 - SMA0204 |