전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS2FL3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SS2FL3
상세설명  Surface Mount Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2FL3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SS2FL3 Datasheet HTML 1Page - Vishay Siliconix SS2FL3 Datasheet HTML 2Page - Vishay Siliconix SS2FL3 Datasheet HTML 3Page - Vishay Siliconix SS2FL3 Datasheet HTML 4Page - Vishay Siliconix SS2FL3 Datasheet HTML 5Page - Vishay Siliconix SS2FL3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS2FL3
www.vishay.com
Vishay General Semiconductor
Revision: 01-Sep-16
1
Document Number: 87615
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Schottky Barrier Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Low forward voltage drop, low power losses
• Low leakage current
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• Wave and reflow solderable
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency inverters, freewheeling, DC/DC
converters, and polarity protection in commercial, industrial,
and automotive applications.
MECHANICAL DATA
Case: DO-219AB (SMF)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
Note
(1) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
30 V
IFSM
50 A
VF at IF = 2.0 A (TA = 125 °C)
0.37 V
TJ max.
150 °C
Package
DO-219AB (SMF)
Diode variations
Single die
Top view
Bottom view
DO-219AB (SMF)
eSMP® Series
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2FL3
UNIT
Device marking code
2L3
Maximum repetitive peak reverse voltage
VRRM
30
V
Maximum average forward rectified current (fig. 1)
IF(AV) (1)
2.0
A
Non-repetitive peak forward surge current 8.3 ms single half
sine-wave at TJ (init) = 25 °C
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


유사한 부품 번호 - SS2FL3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SS2FL3 VISHAY-SS2FL3 Datasheet
106Kb / 5P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS2FL3 VISHAY-SS2FL3_15 Datasheet
100Kb / 6P
   Surface Mount Schottky Barrier Rectifier
Revision: 21-Apr-15
SS2FL3 VISHAY-SS2FL3_V01 Datasheet
106Kb / 5P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results

유사한 설명 - SS2FL3

제조업체부품명데이터시트상세설명
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com