전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMT10E-05S1V2J 데이터시트(PDF) 2 Page - Artesyn Technologies

부품명 SMT10E-05S1V2J
상세설명  Embedded Power for Business-Critical Continuity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

SMT10E-05S1V2J 데이터시트(HTML) 2 Page - Artesyn Technologies

  SMT10E-05S1V2J_10 Datasheet HTML 1Page - Artesyn Technologies SMT10E-05S1V2J_10 Datasheet HTML 2Page - Artesyn Technologies SMT10E-05S1V2J_10 Datasheet HTML 3Page - Artesyn Technologies SMT10E-05S1V2J_10 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.3.4.09_90
SMT10E_05 Series
2 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
EMCCharacteristics
EnvironmentalSpecifications
Thermalperformance:
(SeeNote3)
Operatingambienttemperature
-40°Cto+100°C
Non-operating
-40°Cto+125°C
Electrostaticdischarge:
EN61000-4-2,IEC801-2
Conductedimmunity:
EN61000-4-6
Radiatedimmunity:
EN61000-4-3
Efficiency:
See table
Insulationvoltage:
Non-isolated
Switchingfrequency:
Fixed
300kHztyp.
Approvalsandstandards:
EN60950
UL/cUL60950
Materialflammability:
UL94V-0
Dimensions
(LxWxH)
33.02x13.46x8.21mm
1.3x0.53x0.323inches
Weight:
6.3g(0.22oz)
Coplanarity:
100µm
MTBF:
TelcordiaSR-332
MIL-HDBK-217F
7,042,000hours
680,000hours
GeneralSpecifications
Protection
Shortcircuit:
Continuous
Thermal:
Automaticrecovery


유사한 부품 번호 - SMT10E-05S1V2J_10

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
SMT10E-05S1V2J ARTESYN-SMT10E-05S1V2J Datasheet
658Kb / 32P
   3.0 Vin to 5.5 Vin Single output
More results

유사한 설명 - SMT10E-05S1V2J_10

제조업체부품명데이터시트상세설명
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DS1200HE ARTESYN-DS1200HE Datasheet
211Kb / 9P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com