전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB50250A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FSB50250A
상세설명  Motion SPM 5 Series Version 2 User?셲 Guide
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50250A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FSB50250A Datasheet HTML 1Page - Fairchild Semiconductor FSB50250A Datasheet HTML 2Page - Fairchild Semiconductor FSB50250A Datasheet HTML 3Page - Fairchild Semiconductor FSB50250A Datasheet HTML 4Page - Fairchild Semiconductor FSB50250A Datasheet HTML 5Page - Fairchild Semiconductor FSB50250A Datasheet HTML 6Page - Fairchild Semiconductor FSB50250A Datasheet HTML 7Page - Fairchild Semiconductor FSB50250A Datasheet HTML 8Page - Fairchild Semiconductor FSB50250A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AN-9080
APPLICATION NOTE
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 4/16/14
3
2.
Product Selections
2.1. Ordering Information
F S B 5 0 2 5 0 X X ( D )
S
: SMD
T
: Double DIP
blank : DIP
Version
Motion SPM
® 5 Series
Comparative Current Rating ( Not in Amps )
Voltage Rating ( x 10 )
blank : Ver.1
U
: Ver.1.5
A
: Ver.2
SF
: Ver.2 with SuperFET2
Package
BSD in Ver.1 & 1.5
blank : W/O BSD
D
: With BSD
B
: Zigzag DIP
Figure 1. Ordering Information
2.2. Product Line-up
Table 1 shows the basic line up without package variations.
Table 1. Product Offerings
Part
Number
BVDSS
Current Rating
RƟJC
(Max.)
IDRMS ID25
RDS(on)
(Typ.)
RDS(on)
(Max.)
FSB50325A
250
0.90
1.70
1.10
1.70
10.2
FSB50825A
250
1.90
3.60
0.33
0.45
8.8
FSB50250A
500
0.60
1.20
2.50
3.80
9.3
FSB50450A
500
0.80
1.50
1.90
2.40
8.9
FSB50550A
500
1.10
2.00
1.00
1.40
8.6
FSB50660SF
600
1.60
3.10
0.60
0.70
8.8
FSB50760SF
600
1.90
3.60
0.46
0.53
8.6
Fairchild’s online loss and temperature simulation tool,
Motion
Control
Design
Tool,
available
at:
(http://www.fairchildsemi.com/support/design-tools/motion-
control-design-tool/), is recommended to select the best
SPM product by power rating for the desired application.
2.3. SPM 5 Version Comparison
As can be seen from Table 2, version s “V2” products have
at least the same or lower RDS_max compared with the
predecessors; lower RDS_max values than older version are in
red. Old version products were not released at the same time,
and, therefore, there are differences even within the same
version products. V2 products are being released at the same
time with consistent features. V2 products are more rugged
than previous versions in many respects.
VCC-COM and VB-VS surge noise immunity level
increased about 50%. In other words, when a single-
surge pulse comes in between these pins, V2 products
endure 50% higher surge voltage without malfunction.
Destruction level against surge pulses consecutively
coming in between Vb and VS improved significantly.
Problems associated with intermittent latch-on/off due
to manufacturing issue have been resolved. Previous
version products have been updated accordingly.
VCC quiescent current increased due to the TSU function. It
does not have much effect on selecting the bootstrap
capacitor value, but stand-by power is increased by about
2.1 mW. There is no change in quiescent current of VBS.
Table 2. SPM 5 Version Comparison
V1
V1.5
V2
Silicon Technology
CFET
UniFET
UniFET
™ / SuperFET® 2
Line-Up
&
RDS(on)max
60 V
FSB52006: 80
mΩ Max.
250 V
FSB50325: 1.8
Ω Max.
FSB50325A: 1.7
Ω Max.
FSB50825U: 0.45
Ω Max.
FSB50825A: 0.45
Ω Max.
500 V
FSB50250: 4.0
Ω Max.
FSB50250U: 4.2
Ω Max.
FSB50250A: 3.8
Ω Max.
FSB50450: 2.4
Ω Max.
FSB50450U: 2.4
Ω Max.
FSB50450A: 2.4
Ω Max.
FSB50550: 1.7
Ω Max.
FSB50550U: 1.4
Ω Max.
FSB50550A: 1.4
Ω Max.
600 V
FSB50660SF: 0.7
Ω Max.
FSB50760SF: 0.53
Ω Max.
Package
Transfer molded package without substrate
VS-Output
Out-Bonding,
except 50325TD
Out-Bonding
except TD-Version
Inner Bonding
Bootstrap Diode
Not included except 50325TD
Not included except D-Version
Included
UV Protection
Available
Available
Available
Thermal Sensing
Not available
Not available
Available


유사한 부품 번호 - FSB50250A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
logo
ON Semiconductor
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
logo
Fairchild Semiconductor
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
More results

유사한 설명 - FSB50250A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FAN604H ONSEMI-FAN604H Datasheet
891Kb / 13P
   Motion SPM 5 Series
Rev. 1.2
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
NFA50460R4B ONSEMI-NFA50460R4B Datasheet
968Kb / 13P
   Motion SPM 5 Series
December, 2020 ??Rev. 0
FSB50650B ONSEMI-FSB50650B Datasheet
558Kb / 11P
   Motion SPM 5 Series
March, 2019 ??Rev. 2
FSB50250AS ONSEMI-FSB50250AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
FSB50550AS ONSEMI-FSB50550AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com