전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMM0204VD20B1 데이터시트(PDF) 10 Page - Vishay Siliconix

부품명 SMM0204VD20B1
상세설명  Thin Film Mini-MELF Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204VD20B1 데이터시트(HTML) 10 Page - Vishay Siliconix

Back Button SMM0204VD20B1 Datasheet HTML 4Page - Vishay Siliconix SMM0204VD20B1 Datasheet HTML 5Page - Vishay Siliconix SMM0204VD20B1 Datasheet HTML 6Page - Vishay Siliconix SMM0204VD20B1 Datasheet HTML 7Page - Vishay Siliconix SMM0204VD20B1 Datasheet HTML 8Page - Vishay Siliconix SMM0204VD20B1 Datasheet HTML 9Page - Vishay Siliconix SMM0204VD20B1 Datasheet HTML 10Page - Vishay Siliconix SMM0204VD20B1 Datasheet HTML 11Page - Vishay Siliconix SMM0204VD20B1 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Dec-15
10
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents.
4.17
58 (Td)
Solderability
Solder bath method;
SnPb40;
non-activated flux
(215 ± 3) °C;
(3 ± 0.3) s
Good tinning (
≥ 95% covered); no visible damage
Solder bath method;
SnAg3Cu0.5
or SnAg3.5;
non-activated flux;
(235 ± 3) °C;
(2 ± 0.2) s
Good tinning (
≥ 95% covered); no visible damage
4.18
58 (Td)
Resistance to
soldering heat
Solder bath method;
(260 ± 5) °C;
(10 ± 1) s
± (0.1 %
R + 0.01 Ω)
± (0.05 %
R + 0.01 Ω)
Reflow method 2
(IR/forced gas
convection);
(260 ± 5) °C;
(10 ± 1) s
± (0.05 %
R + 0.01 Ω)
± (0.02 %
R + 0.01 Ω)
4.29
45 (XA)
Component
solvent
resistance
Isopropyl alcohol;
50 °C;
method 2
No visible damage
4.30
45 (XA)
Solvent
resistance
of marking
Isopropyl alcohol;
50 °C;
method 1,
toothbrush
Marking visible, no visible damage
4.32
21 (Ue3)
Shear
(adhesion)
45 N
No visible damage
4.33
21 (Ue1)
Substrate
bending
Depth 2 mm,
3 times
No visible damage, no open circuit in bent position
± (0.05 % + 0.005 
Ω)
4.7
-
Voltage proof
URMS = Uins; 60 s
No flashover or breakdown
4.35
-
Flammability
IEC 60695-11-5 (1);
needle flame test;
10 s
No burning after 30s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
SMM0204
< 1
Ω
1
Ω to < 10 Ω
10
Ω to ≤ 1 MΩ
> 1 M
Ω


유사한 부품 번호 - SMM0204VD20B1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMM0204VD2BB0 VISHAY-SMM0204VD2BB0 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204VD2BB1 VISHAY-SMM0204VD2BB1 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204VD2BB3 VISHAY-SMM0204VD2BB3 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204VD2CB0 VISHAY-SMM0204VD2CB0 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204VD2CB1 VISHAY-SMM0204VD2CB1 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
More results

유사한 설명 - SMM0204VD20B1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com