전자부품 데이터시트 검색엔진 |
|
SMM0204VD9DB3 데이터시트(PDF) 8 Page - Vishay Siliconix |
|
SMM0204VD9DB3 데이터시트(HTML) 8 Page - Vishay Siliconix |
8 / 12 page SMM0204 www.vishay.com Vishay Draloric Revision: 09-Dec-15 8 Document Number: 20004 For technical questions, contact: melf@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 TESTS AND REQUIREMENTS All tests are carried out in accordance with the following specifications: EN 60115-1, generic specification EN 60115-8 (successor of EN 140400), sectional specification EN 140401-803, detail specification IEC 60068-2-xx, test methods The parameters stated in the Test Procedures and Requirements table are based on the required tests and permitted limits of EN 140401-803. The table presents only the most important tests, for the full test schedule refer to the documents listed above. However, some additional tests and a number of improvements against those minimum requirements have been included. The testing also covers most of the requirements specified by EIA/ECA-703 and JIS-C-5201-1. The tests are carried out under standard atmospheric conditions in accordance with IEC 60068-1, 4.3, whereupon the following values are applied: Temperature: 15 °C to 35 °C Relative humidity: 25 % to 75 % Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar). A climatic category LCT / UCT / 56 is applied, defined by the lower category temperature (LCT), the upper category temperature (UCT), and the duration of exposure in the damp heat, steady state test (56 days). The components are mounted for testing on printed circuit boards in accordance with EN 60115-8, 2.4.2, unless otherwise specified. TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2 (1) TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE ( ΔR) SMM0204 < 1 Ω 1 Ω to < 10 Ω 10 Ω to ≤ 1 MΩ > 1 M Ω 4.8 - Temperature coefficient At (20 / -55 / 20) °C and (20 / 125 / 20) °C ± 100 ppm/K, ± 50 ppm/K, ± 25 ppm/K, ± 15 ppm/K 4.25.1 - Endurance at 70 °C: precision operation mode U = ≤ Umax.; 1.5 h on; 0.5 h off; 70 °C; 1000 h - ± (0.05 % R + 0.005 Ω) - 70 °C; 8000 h ± (0.1 % R + 0.005 Ω) Endurance at 70 °C: standard operation mode U = ≤ Umax.; 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (0.15 % R + 0.01 Ω) ± (0.1 % R + 0.005 Ω) ± (0.25 % R) 70 °C; 8000 h ± (0.3 % R + 0.01 Ω) ± (0.2 % R + 0.005 Ω) ± (0.5 % R) Endurance at 70 °C: power operation mode U = ≤ Umax.; 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (0.25 % R + 0.01 Ω) 70 °C; 8000 h ± (0.5 % R + 0.01 Ω) 4.25.3 - Endurance at upper category temperature 125 °C; 1000 h ± (0.15 % R + 0.01 Ω) ± (0.1 % R + 0.005 Ω) ± (0.25 % R) 155 °C; 1000 h ± (0.3 % R + 0.01 Ω) ± (0.2 % R + 0.005 Ω) ± (0.5 % R) 4.24 78 (Cab) Damp heat, steady state (40 ± 2) °C; 56 days; (93 ± 3) % RH ± (0.15 % R + 0.01 Ω) ± (0.25 % R) 4.37 67 (Cy) Damp heat, steady state, accelerated (85 ± 2) °C (85 ± 5) % RH U = ≤ 100 V and U = 0.3 x Umax.; (the smaller value is valid) 1000 h ± (0.25 % R + 0.01 Ω)± (2 % R) - - Cold -55 °C; 2000 h ± (0.1 % R + 0.01 Ω) P 70 x R P 70 x R P 70 x R 0.3 x P 70 x R |
유사한 부품 번호 - SMM0204VD9DB3 |
|
유사한 설명 - SMM0204VD9DB3 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |