전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC374PW 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74ALVC374PW
상세설명  Octal D-type flip-flop positive edge-trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC374PW 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVC374PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC374PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC374PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC374PW Datasheet HTML 9Page - NXP Semiconductors 74ALVC374PW Datasheet HTML 10Page - NXP Semiconductors 74ALVC374PW Datasheet HTML 11Page - NXP Semiconductors 74ALVC374PW Datasheet HTML 12Page - NXP Semiconductors 74ALVC374PW Datasheet HTML 13Page - NXP Semiconductors 74ALVC374PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2002 Feb 26
10
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state
74ALVC374
handbook, full pagewidth
MNA202
GND
GND
th
th
tsu
tsu
VM
VM
VM
VI
VI
Qn output
CP input
Dn input
Fig.7 Data set-up and hold rimes for Dn to CP.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5
× VCC VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
The shaded areas indicate when the input is permitted to change for predictable output performance.


유사한 부품 번호 - 74ALVC374PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC374PW NXP-74ALVC374PW Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74ALVC374PW NEXPERIA-74ALVC374PW Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results

유사한 설명 - 74ALVC374PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
Unisonic Technologies
U74HCT574 UTC-U74HCT574_15 Datasheet
177Kb / 5P
   OCTAL D-TYPE EDGE-TRIGGER FLIP-FLOP
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com