전자부품 데이터시트 검색엔진 |
|
U1602B 데이터시트(PDF) 4 Page - Keysight Technologies |
|
U1602B 데이터시트(HTML) 4 Page - Keysight Technologies |
4 / 12 page 04 | Keysight | U1600 Series Handheld Digital Oscilloscopes - Data Sheet FFT (U1604B only) and Dual Waveform Math functions for waveform analysis Besides of the standard Dual Waveform Math (DWM) function in U1600 Series, the U1604B model is equipped with a FFT (Fast Fourier Transform) function. This function allows you to view the waveform in a frequency domain using four windowing techniques (Rectangular, Hanning, Hamming, Black-Harris). Use the DWM function to perform math functions for signal addition and subtraction from multiple channels. Easy, straightforward connectivity The U1600 Series expands the oscilloscope’s capability with the PC Link application software that caters for data collection, storage and documentation needs from instrument via USB 2.0 full-speed connection. This PC Link application software is available for you to control the instrument remotely from a PC, retrieve your waveform and print it using a connected printer. User can connect to PC and/or USB lash drive to store waveform and setup, these can be done via:- – USB 2.0 Full Speed Client for PC connectivity (Standard Option) – USB 2.0 Full Speed Host for external storage and save waveform/setup (Option 001) Built-in multi-lingual Quick Help menu provides instant assistance Need assistance while operating the instrument? The built-in multi-lingual Quick Help menu helps to minimize downtime in the event that you need help to set up scope and DMM functions. The supported languages include English, German, Italian, Spanish, Portuguese, French, Korean, Traditional Chinese, Simpliied Chinese, and Japanese. Save and recall waveform and setup memories capability Up to 10 waveform and coni guration setups can be stored in the internal memory and recalled at any time for future use and reference, this feature can only be done on the instrument and data not extracted out to USB drive. Log data for any DMM measurement The sophisticated logger mode allows you to record and consolidate a sequence of data points for data plotting purposes. Figure 3 The U1600 Series comes equipped with DWM features, allowing you to perform spectrum analyses and evaluate signal additions and subtractions from multiple channels. Figure 4 PC Link application software is available to enable data collection, storage and documentation needs via USB full-speed remote control from PC. Screen Capture Window Data Measurement Window DSO Controller Waveform Data Window DMM Data Logging Window |
유사한 부품 번호 - U1602B |
|
유사한 설명 - U1602B |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |