전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11852FV-MPB-E 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 LB11852FV-MPB-E
상세설명  For Fan Motor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11852FV-MPB-E 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button LB11852FV-MPB-E Datasheet HTML 3Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 4Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 5Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 6Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 7Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 8Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 9Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 10Page - ON Semiconductor LB11852FV-MPB-E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LB11852FV
No.A1112-7/12
Description of Pre-driver Bock
*1 : Power-GND wiring
The SGND is connected to the control circuit power supply system.
*2 : Power stabilization capacitor
For the power stabilization capacitor on the signal side, use a capacitor of 0.1
μF or more. Connect the capacitor
between VCC and GND with a thick and along the shortest possible route.
*3 : Power-side power stabilization capacitor
For the power-side power stabilization capacitor, use a capacitor of 1
μF or more. Connect the capacitor between the
power-side power supply and GND with a thick and along the shortest possible route.
*4 : IN+, IN- pins
Hall signal input pins
Wiring should be short to prevent noise from being carried.
If noise is carried, insert a capacitor between the IN+ and IN- pins.
The Hall input circuit functions as a comparator with hysteresis (15mV).
It also has a soft switch zone with
±30mV (input signal difference voltage).
It is also recommended that the Hall input level should be a minimum of 100mV (p-p).
*5 : CPWM pin
Pin to connect the capacitor used to generate the PWM basic frequency
Use of CP = 200pF causes oscillation at f = 30kHz, which is the basic frequency of PWM.
As this is also used for the current limiter reset signal, a capacitor must be connected even if the speed is not going to
be controlled.
*6 : CT pin
Pin to connect the capacitor used for lock detection
The constant-current charging and constant-current discharging circuits incorporated cause locking when the pin
voltage reaches 3.0V, and releasing the lock protection when it drops to 1.0V.
Connect this pin to the GND when it is not to be used (locking not necessary).
*7 : SENSE pin
Current limiter detection pin
When the pin voltage exceeds 0.21V, the current limiter is activated, and operation enters lower regeneration mode.
Connect this pin to the GND when it is not to be used.
*8 : FG pin
Rotational speed detection pin
This is an open collector output that can detect the rotational speed using the FG output corresponding to the phase
changeover.
Keep this pin open when it is not to be used.


유사한 부품 번호 - LB11852FV-MPB-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
More results

유사한 설명 - LB11852FV-MPB-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11988 SANYO-LB11988_08 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
logo
Rohm
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
   For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Rohm
BH6766FVM ROHM-BH6766FVM Datasheet
313Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com