전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CE30-QTC00 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard)

부품명 HLMP-CE30-QTC00
상세설명  T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE30-QTC00 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-CE30-QTC00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE30-QTC00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE30-QTC00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE30-QTC00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE30-QTC00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE30-QTC00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CE30-QTC00 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
Device Selection Guide
Color and Dominant
Luminous Intensity IV
Wavelength
λd
Viewing Angle
(mcd) at 20 mA
Part Number
Typ. (nm)
2
θ1/2 Typ. (deg)
Min.
Max.
Stand-Off
HLMP-CE15-TWCxx
505
15
2500
7200
No
HLMP-CE16-TWCxx
505
15
2500
7200
Yes
HLMP-CE23-SVCxx
505
23
1900
5500
No
HLMP-CE23-SVQxx
505
23
1900
5500
No
HLMP-CE24-SVCxx
505
23
1900
5500
Yes
HLMP-CE24-SVQxx
505
23
1900
5500
Yes
HLMP-CE30-QTCxx
505
30
1150
3200
No
HLMP-CE30-QTQxx
505
30
1150
3200
No
HLMP-CE31-QTCxx
505
30
1150
3200
Yes
HLMP-CE31-QTQxx
505
30
1150
3200
Yes
HLMP-CE23-P0Cxx
505
23
880
-
No
HLMP-CE23-TVQxx
505
23
2500
5500
No
HLMP-CE24-TVQxx
505
23
2500
5500
Yes
HLMP-CE30-N00xx
505
30
680
-
No
HLMP-CE30-RUQxx
505
30
1500
4200
No
HLMP-CE31-N00xx
505
30
680
-
Yes
HLMP-CE31-RUQxx
505
30
1500
4200
Yes
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
4. All InGaN LEDs represented here are IEC825 Class 2. See Application Brief 1-009 and 1-015 for details.
5. Tolerance for intensity limit is
± 15%.
Part Numbering System
HLMP - X X X X - X X X X X
Mechanical Options
00: Bulk Packaging
DD: Ammo Pack
Color Bin Selections
C: Color Bins 3 and 4 only
Q: Color Bins 7 and 8 only
Maximum Intensity Bin
0: No Iv Bin Limitation
Minimum Intensity Bin
Viewing Angle and Stand-Off
15: 15 deg, without stand-off
16: 15 deg, with stand-off
23: 23 deg, without stand-off
24: 23 deg, with stand-off
30: 30 deg, without stand-off
31: 30 deg, with stand-off
Color
E: 505 nm Bluish-Green
Package
C: 5 mm InGaN


유사한 부품 번호 - HLMP-CE30-QTC00

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE30-RSC00 AVAGO-HLMP-CE30-RSC00 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE30-RSCDD AVAGO-HLMP-CE30-RSCDD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE30-RSCXX AVAGO-HLMP-CE30-RSCXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE30-RUC00 AVAGO-HLMP-CE30-RUC00 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE30-RUCDD AVAGO-HLMP-CE30-RUCDD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

유사한 설명 - HLMP-CE30-QTC00

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com