전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1731P 데이터시트(PDF) 9 Page - Agilent(Hewlett-Packard)

부품명 U1731P
상세설명  Take your expectations higher with the latest LCR meters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1731P 데이터시트(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button U1731P Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
8
General Specifications
Parameter
U1731C
U1732C
U1733C
Measurements
Z/L/C/R/D/Q/θ/ESR
Z/L/C/R/D/Q/θ/ESR
Z/L/C/R/D/Q/θ/ESR/DCR
Display
Primary display: Maximum display 19,999 counts
Secondary display: Maximum display 999 counts
Automatic polarity indication
Test frequency (Accuracy =
± 0.1% of actual test frequency)
100 Hz, 120 Hz, 1 kHz
100 Hz, 120 Hz, 1 kHz, 10 kHz
100 Hz, 120 Hz, 1 kHz, 10 kHz, 100 kHz
Backlight
No
Yes
Yes
Test signal level
Selection
Test signal level
Test frequency
100 Hz
0.74 Vrms
100 Hz
120 Hz
0.74 Vrms
120.481 Hz
1 kHz
0.74 Vrms
1 kHz
10 kHz1
0.74 Vrms
10 kHz
100 kHz2
0.74 Vrms
100 kHz
DCR2
+1.235 V
NA
Tolerance mode
1%, 5%, 10%, 20%
Ranging mode
Auto and manual
Measurement rate
1 time/second, nominal
Response time
Approximately 1 second/DUT (Device Under Test)
Auto power-off
~0-99 mins without operation
Power supply
Single standard 9 V battery (alkaline or carbon-zinc) or optional power adaptor
Power consumption
225 mVA maximum without backlight
Input protection fuse
Resettable over-current protection
Battery life
16 hours based on alkaline battery
Low battery indicator
[
] will appear when voltage drops below ~7.2 V
Operating temperature
–10 to 55 °C, 0 to 80% R.H.
Storage temperature
–20 to 70 °C, 0 to 80% R.H. without battery
Temperature coefficient
0.1 × (specified accuracy)/°C (from –10 to 18 °C or 28 to 55 °C)
Relative humidity
Maximum 80% R.H. for temperature up to 30 °C decreasing linearly to 50% R.H. at 55 °C
Weight
337 grams with battery
Dimensions (H x W x D)
184 mm x 87 mm x 41 mm
Safety and EMC Compliance
In compliance with EN61010-1 (IEC61010-1:2001) for low voltage directive and Pollution Degree II
Environment. Susceptibility and Emissions (EMC): Commercial Limits per EN61326-1
Calibration
One-year calibration cycle recommended
Warranty
• 3 years for main unit
• 3 months for standard shipped accessories
1. Only applicable for U1732C/U1733C
2. Only applicable for U1733C


유사한 부품 번호 - U1731P

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
U1731P HP-U1731P Datasheet
523Kb / 11P
   Take your expectations higher with the latest LCR meters
More results

유사한 설명 - U1731P

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
   Take your expectations higher with the latest LCR meters
logo
Agilent(Hewlett-Packard...
U1730 HP-U1730 Datasheet
523Kb / 11P
   Take your expectations higher with the latest LCR meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
logo
Keysight Technologies
U1732C KEYSIGHT-U1732C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1733C KEYSIGHT-U1733C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
Keysight Technologies
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
logo
Nippon Precision Circui...
APMA160ARA560MF35S NPC-APMA160ARA560MF35S Datasheet
588Kb / 3P
   Low profile and higher capacitance with the new structure.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com