전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS560200QDGKRQ1 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS560200QDGKRQ1
상세설명  4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS560200QDGKRQ1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPS560200QDGKRQ1 Datasheet HTML 2Page - Texas Instruments TPS560200QDGKRQ1 Datasheet HTML 3Page - Texas Instruments TPS560200QDGKRQ1 Datasheet HTML 4Page - Texas Instruments TPS560200QDGKRQ1 Datasheet HTML 5Page - Texas Instruments TPS560200QDGKRQ1 Datasheet HTML 6Page - Texas Instruments TPS560200QDGKRQ1 Datasheet HTML 7Page - Texas Instruments TPS560200QDGKRQ1 Datasheet HTML 8Page - Texas Instruments TPS560200QDGKRQ1 Datasheet HTML 9Page - Texas Instruments TPS560200QDGKRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
IOUT
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0
100
200
300
400
500
600
700
800
D002
Vout=1.05
Vout=1.8
Vout=3.3
0.794
0.796
0.798
0.800
0.802
0.804
0.806
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C006
I
O = 100 mA
EN Input Voltage (V)
0
2
4
6
8
10
-10
0
10
20
30
40
D000
VOUT=1.05V
VIN
Input Voltage (V)
4
6
8
10
12
14
16
18
500
525
550
575
600
625
650
675
700
D001
IOUT = 500mA
VOUT=1.05V
VOUT=1.8V
VOUT=3.3V
0
20
40
60
80
100
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C001
0
1
2
3
4
5
6
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C002
EN = 0 V
6
TPS560200-Q1
SLVSCW4A – APRIL 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS560200-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Typical Characteristics
VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 1. Supply Current vs Junction Temperature
Figure 2. Shutdown Current vs Junction Temperature
Figure 3. EN Input Current vs EN Input Voltage
Figure 4. Switching Frequency vs Input Voltage
Figure 5. Switching Frequency vs Output Current
Figure 6. VSENSE Voltage vs Junction Temperature


유사한 부품 번호 - TPS560200QDGKRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200 TI-TPS560200 Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
TPS560200 TI1-TPS560200 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS560200 TI-TPS560200 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
More results

유사한 설명 - TPS560200QDGKRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS560200 TI-TPS560200_15 Datasheet
939Kb / 22P
[Old version datasheet]   TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-Mode?
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54424 TI1-TPS54424 Datasheet
2Mb / 40P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous SWIFT Step-Down Converter with Current Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com