전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS563200 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS563200
상세설명  4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563200 데이터시트(HTML) 2 Page - Texas Instruments

  TPS563200 Datasheet HTML 1Page - Texas Instruments TPS563200 Datasheet HTML 2Page - Texas Instruments TPS563200 Datasheet HTML 3Page - Texas Instruments TPS563200 Datasheet HTML 4Page - Texas Instruments TPS563200 Datasheet HTML 5Page - Texas Instruments TPS563200 Datasheet HTML 6Page - Texas Instruments TPS563200 Datasheet HTML 7Page - Texas Instruments TPS563200 Datasheet HTML 8Page - Texas Instruments TPS563200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
TPS562200, TPS563200
SLVSCB0D – JANUARY 2014 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS562200 TPS563200
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration And Functions ........................ 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ..................................... 5
6.2
ESD Ratings ............................................................ 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Timing Requirements ................................................ 6
6.7
Typical Characteristics TPS562200 .......................... 7
6.8
Typical Characteristics TPS563200 .......................... 9
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagrams ..................................... 11
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 13
8
Application And Implementation........................ 14
8.1
Application Information............................................ 14
8.2
Typical Applications ................................................ 14
9
Power Supply Recommendations ...................... 23
10
Layout................................................................... 24
10.1
Layout Guidelines ................................................. 24
10.2
Layout Example .................................................... 24
11
Device And Documentation Support................. 25
11.1
Custom Design with WEBENCH Tools................. 25
11.2
Receiving Notification of Documentation Updates 25
11.3
Related Links ........................................................ 25
11.4
Receiving Notification of Documentation Updates 25
11.5
Community Resources.......................................... 25
11.6
Trademarks ........................................................... 25
11.7
Electrostatic Discharge Caution ............................ 26
11.8
Glossary ................................................................ 26
12
Mechanical, Packaging, And Orderable
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (August 2015) to Revision D
Page
Updated the Pinout image in Pin Configuration And Functions ............................................................................................ 4
Changed RθJB for TPS562200 From: 3.4 To: 13.4 in Thermal Information ........................................................................... 5
The Adaptive On-Time Control And PWM Operation, changed text From: "proportional to the converter input
voltage, VIN, and inversely proportional to the output voltage, VO" To: "inversely proportional to the converter input
voltage, VIN, and proportional to the output voltage, VO"...................................................................................................... 12
Changes from Revision B (July 2014) to Revision C
Page
Changed Features From: Integrated 122 m
Ω and 72 mΩ FETs ('562200) To: TPS562200 - 2A converter with
Integrated 122 m
Ω and 72 mΩ FETs ..................................................................................................................................... 1
Changed Features From: Integrated 68-m
Ω and 39-mΩ FETs ('563200) To: TPS563200 - 3A converter with
Integrated 68-m
Ω and 39-mΩ FETs....................................................................................................................................... 1
Added Features: 650 kHz Switching Frequency .................................................................................................................... 1
Changed Features From: Cycle-By-Cycle Hiccup Over-current Limit To: Cycle-By-Cycle Overcurrent Limit ....................... 1
Added Features: Hiccup-Mode Undervoltage Protection ....................................................................................................... 1
Changed text in the first paragraph of the Description From: "..in SOT-23 package." To: "in 6 pin SOT-23 package."........ 1
Moved Storage temperature range, Tstg From: Handling Ratings To: Absolute Maximum Ratings
(1) ................................... 5
Changed the Handling Ratings table to the ESD Ratings table ............................................................................................. 5
Changed the TPS562200 Thermal Information values .......................................................................................................... 5
Changed VOVP Description in the Electrical Characteristics From: OVP Detect (L > H) To: OVP Detect, and the TYP
value From: 125% To: 125% x Vfbth...................................................................................................................................... 6
Changed VUVP Description in the Electrical Characteristics From: Hiccup detect (H < L) To: Hiccup detect , and the
TYP value From: 65% To: 65% x Vfbth ................................................................................................................................. 6
Changed the Output Current (A) scale of Figure 7 ............................................................................................................... 7
Changed VOUT = 5 V To VOUT = 3.3 V in Figure 15 ............................................................................................................... 9
Changed the X axis From: Junction Temperature To: Ambient Temperature in Figure 16 .................................................. 9


유사한 부품 번호 - TPS563200

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS563201DDCR TI1-TPS563201DDCR Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
TPS563201DDCR TI-TPS563201DDCR Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS563201DDCT TI1-TPS563201DDCT Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
More results

유사한 설명 - TPS563200

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com