전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS562209DDCT 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS562209DDCT
상세설명  4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6pin SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS562209DDCT 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPS562209DDCT Datasheet HTML 7Page - Texas Instruments TPS562209DDCT Datasheet HTML 8Page - Texas Instruments TPS562209DDCT Datasheet HTML 9Page - Texas Instruments TPS562209DDCT Datasheet HTML 10Page - Texas Instruments TPS562209DDCT Datasheet HTML 11Page - Texas Instruments TPS562209DDCT Datasheet HTML 12Page - Texas Instruments TPS562209DDCT Datasheet HTML 13Page - Texas Instruments TPS562209DDCT Datasheet HTML 14Page - Texas Instruments TPS562209DDCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS562209, TPS563209
www.ti.com
SLVSCM5 – SEPTEMBER 2014
Feature Description (continued)
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal one
shot timer expires. This one shot duration is set proportional to the converter input voltage, VIN, and inversely
proportional to the output voltage, VO, to maintain a pseudo-fixed frequency over the input voltage range, hence
it is called adaptive on-time control. The one-shot timer is reset and the high-side MOSFET is turned on again
when the feedback voltage falls below the reference voltage. An internal ramp is added to reference voltage to
simulate output ripple, eliminating the need for ESR induced output ripple from D-CAP2™ mode control.
8.3.2 Soft Start and Pre-Biased Soft Start
The TPS562209 and TPS563209 have an internal 1.0ms soft-start. When the EN pin becomes high, the internal
soft-start function begins ramping up the reference voltage to the PWM comparator.
If the output capacitor is pre-biased at startup, the devices initiate switching and start ramping up only after the
internal reference voltage becomes greater than the feedback voltage VFB. This scheme ensures that the
converters ramp up smoothly into regulation point.
8.3.3 Current Protection
The output over-current limit (OCL) is implemented using a cycle-by-cycle valley detect control circuit. The switch
current is monitored during the OFF state by measuring the low-side FET drain to source voltage. This voltage is
proportional to the switch current. To improve accuracy, the voltage sensing is temperature compensated. During
the on time of the high-side FET switch, the switch current increases at a linear rate determined by Vin, Vout, the
on-time and the output inductor value.
During the on time of the low-side FET switch, this current decreases linearly. The average value of the switch
current is the load current Iout. If the monitored current is above the OCL level, the converter maintains low-side
FET on and delays the creation of a new set pulse, even the voltage feedback loop requires one, until the current
level becomes OCL level or lower. In subsequent switching cycles, the on-time is set to a fixed value and the
current is monitored in the same manner. If the over current condition exists consecutive switching cycles, the
internal OCL threshold is set to a lower level, reducing the available output current. When a switching cycle
occurs where the switch current is not above the lower OCL threshold, the counter is reset and the OCL
threshold is returned to the higher value.
There are some important considerations for this type of over-current protection. The load current is higher than
the over-current threshold by one half of the peak-to-peak inductor ripple current. Also, when the current is being
limited, the output voltage tends to fall as the demanded load current may be higher than the current available
from the converter. This may cause the output voltage to fall. When the VFB voltage falls below the UVP
threshold voltage, the UVP comparator detects it. And then, the device will shut down after the UVP delay time
(typically 14µs) and re-start after the hiccup time (typically 12ms).
When the over current condition is removed, the output voltage returns to the regulated value.
8.3.4 Over Voltage Protection
TPS562209 and TPS563209 detect over voltage condition by monitoring the feedback voltage (VFB). When the
feedback voltage becomes higher than 125% of the target voltage, the OVP comparator output goes high and
both the high-side MOSFET and the low-side MOSFET turn off. This function is non-latch operation.
8.3.5 UVLO Protection
Under voltage lock out protection (UVLO) monitors the device input voltage. When the voltage is lower than
UVLO threshold voltage, the device is shut off. This protection is non-latching.
8.3.6 Thermal Shutdown
The device monitors the temperature of itself. If the temperature exceeds the threshold value (typically 155°C),
the device is shut off. This is a non-latch protection.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS562209 TPS563209


유사한 부품 번호 - TPS562209DDCT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS562209 TI-TPS562209_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56x209, 4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6 pin SOT-23
More results

유사한 설명 - TPS562209DDCT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS562209 TI-TPS562209_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56x209, 4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6 pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com