전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS563210EVM-652 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TPS563210EVM-652
상세설명  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210EVM-652 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPS563210EVM-652 Datasheet HTML 3Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 4Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 5Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 6Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 7Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 8Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 9Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 10Page - Texas Instruments TPS563210EVM-652 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
Vout = 5V
Vout = 3.3V
Vout = 1.8V
C015
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current(A)
Vout = 3.3V
Vout = 1.8V
C016
0.750
0.755
0.760
0.765
0.770
0.775
0.780
±50
0
50
100
150
Junction Temperature (
ƒC)
C013
-10
0
10
20
30
40
50
60
0
3
6
9
12
15
18
EN Input Voltage (V)
C014
0
50
100
150
200
250
300
±50
0
50
100
150
Junction Temperature (
ƒC)
C011
0
1
2
3
4
5
6
±50
0
50
100
150
Junction Temperature (
ƒC)
C012
TPS562210, TPS563210
www.ti.com
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
7.7 Typical Characteristics: TPS562210
VIN = 12 V (unless otherwise noted)
Figure 1. Supply Current vs Junction Temperature
Figure 2. VIN Shutdown Current vs Junction Temperature
Figure 3. VFB Voltage vs Junction Temperature
Figure 4. EN Current vs EN Voltage
VI = 5 V
Figure 6. Efficiency vs Output Current
Figure 5. Efficiency vs Output Current
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS562210 TPS563210


유사한 부품 번호 - TPS563210EVM-652

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS563210A TI1-TPS563210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210ADDFR TI1-TPS563210ADDFR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210ADDFT TI1-TPS563210ADDFT Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results

유사한 설명 - TPS563210EVM-652

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com