전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT112E 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT112E
상세설명  Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT112E 데이터시트(HTML) 1 Page - Texas Instruments

  CD74HCT112E Datasheet HTML 1Page - Texas Instruments CD74HCT112E Datasheet HTML 2Page - Texas Instruments CD74HCT112E Datasheet HTML 3Page - Texas Instruments CD74HCT112E Datasheet HTML 4Page - Texas Instruments CD74HCT112E Datasheet HTML 5Page - Texas Instruments CD74HCT112E Datasheet HTML 6Page - Texas Instruments CD74HCT112E Datasheet HTML 7Page - Texas Instruments CD74HCT112E Datasheet HTML 8Page - Texas Instruments CD74HCT112E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS141H
Features
• Hysteresis on Clock Inputs for Improved Noise
Immunity and Increased Input Rise and Fall Times
• Asynchronous Set and Reset
• Complementary Outputs
• Buffered Inputs
• Typical fMAX = 60MHz at VCC = 5V, CL = 15pF,
TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC112, CD54HCT112 (CERDIP)
CD74HC112 (PDIP, SOIC, SOP, TSSOP)
CD74HCT112 (PDIP)
TOP VIEW
Description
The ’HC112 and ’HCT112 utilize silicon-gate CMOS
technology to achieve operating speeds equivalent to LSTTL
parts. They exhibit the low power consumption of standard
CMOS integrated circuits, together with the ability to drive 10
LSTTL loads.
These flip-flops have independent J, K, Set, Reset, and
Clock inputs and Q and Q outputs. They change state on the
negative-going transition of the clock pulse. Set and Reset
are accomplished asynchronously by low-level inputs.
The HCT logic family is functionally as well as pin-
compatible with the standard LS logic family.
.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1CP
1K
1J
1S
1Q
1Q
GND
2Q
VCC
2R
2CP
2K
2J
2S
2Q
1R
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC112F3A
-55 to 125
16 Ld CERDIP
CD54HCT112F3A
-55 to 125
16 Ld CERDIP
CD74HC112E
-55 to 125
16 Ld PDIP
CD74HC112MT
-55 to 125
16 Ld SOIC
CD74HC112M96
-55 to 125
16 Ld SOIC
CD74HC112NSR
-55 to 125
16 Ld SOP
CD74HC112PW
-55 to 125
16 Ld TSSOP
CD74HC112PWR
-55 to 125
16 Ld TSSOP
CD74HC112PWT
-55 to 125
16 Ld TSSOP
CD74HCT112E
-55 to 125
16 Ld PDIP
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC112, CD74HC112,
CD54HCT112, CD74HCT112
Dual J-K Flip-Flop with Set and Reset
Negative-Edge Trigger
[ /Title
(CD74
HC112
,
CD74
HCT11
2)
/Sub-
ject
(Dual
J-K
Flip-
Flop
with
Set and
Reset
Nega-
March 1998 - Revised October 2003


유사한 부품 번호 - CD74HCT112E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT112E TI-CD74HCT112E Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD74HCT112E TI1-CD74HCT112E Datasheet
765Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD74HCT112E TI1-CD74HCT112E Datasheet
757Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD74HCT112E TI1-CD74HCT112E Datasheet
1Mb / 29P
[Old version datasheet]   CDx4HC112, CDx4HCT112 Dual J-K Flip-Flop with Set and Reset with Negative-Edge Trigger
REVISED OCTOBER 2022
CD74HCT112EE4 TI-CD74HCT112EE4 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
More results

유사한 설명 - CD74HCT112E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI1-CD54HC112_15 Datasheet
757Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
SN75C188DRG4 TI1-SN75C188DRG4 Datasheet
765Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_08 Datasheet
452Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107_08 Datasheet
451Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73 Datasheet
266Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI1-CD54HC107_16 Datasheet
624Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_07 Datasheet
422Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107 Datasheet
266Kb / 11P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com