전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB100N10RKJ3 데이터시트(PDF) 3 Page - Cystech Electonics Corp.

부품명 MTB100N10RKJ3
상세설명  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB100N10RKJ3 데이터시트(HTML) 3 Page - Cystech Electonics Corp.

  MTB100N10RKJ3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB100N10RKJ3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB100N10RKJ3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB100N10RKJ3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB100N10RKJ3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB100N10RKJ3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB100N10RKJ3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB100N10RKJ3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB100N10RKJ3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C059J3
Issued Date : 2016.09.01
Revised Date :
Page No. : 3/9
MTB100N10RKJ3
CYStek Product Specification
td(ON) *1, 2
-
5.4
-
tr
*1, 2
-
14.8
-
td(OFF) *1, 2
-
17.8
-
tf *1, 2
-
4.8
-
ns
VDS=50V, ID=8A, VGS=10V, RG=1Ω
Ciss
-
391
-
Coss
-
31
-
Crss
-
7.3
-
pF
VGS=0V, VDS=50V, f=1MHz
Rg
-
5.3
-
Ω
f=1MHz
Source-Drain Diode
IS *1
-
-
10
ISM *3
-
-
20
A
VSD *1
-
0.94
1.3
V
IS=8A, VGS=0V
trr
-
21
-
ns
Qrr
-
21
-
nC
IF=8A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
Recommended soldering footprint


유사한 부품 번호 - MTB100N10RKJ3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB100N10RKN6 CYSTEKEC-MTB100N10RKN6 Datasheet
515Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB100N10RKN6-0-T1-G CYSTEKEC-MTB100N10RKN6-0-T1-G Datasheet
515Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

유사한 설명 - MTB100N10RKJ3

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com