전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK5F4U3E2D-E 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 STK5F4U3E2D-E
상세설명  Inverter Power H-IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F4U3E2D-E 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button STK5F4U3E2D-E Datasheet HTML 2Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 3Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 4Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 5Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 6Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 7Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 8Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 9Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
STK5F4U3E2D-E
No.A2230-6/14
■ISD (The circuit is a representative example of the lower side U phase.)
Switching time (The circuit is a representative example of the lower side U phase.)
RB-SOA (The circuit is a representative example of the lower side U phase.)
Io
tON
tOFF
Input signal
(0 to 5V)
Io
90%
10%
Input signal
(0 to 5V)
Io
Fig.6
VD1=15V
VD2=15V
VD3=15V
VD4=15V
Input signal
Io
38
27
Fig.5
1
2
4
5
7
8
18
19,20
13
ITRIP
Input signal
(0 to 5V)
42
38
27
CS
Vcc
VD1=15V
VD2=15V
VD3=15V
VD4=15V
Input signal
Io
1
2
4
5
7
8
18
19,20
13
42
38
27
CS
Vcc
VD1=15V
VD2=15V
VD3=15V
VD4=15V
Input signal
Io
1
2
4
5
7
8
18
19,20
13
Fig.7


유사한 부품 번호 - STK5F4U3E2D-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
More results

유사한 설명 - STK5F4U3E2D-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Semikron International
28GH066V1 SEMIKRON-28GH066V1 Datasheet
640Kb / 4P
   H-bridge inverter
27GH066V1 SEMIKRON-27GH066V1 Datasheet
657Kb / 4P
   H-bridge inverter
SKIIP16GH066V1 SEMIKRON-SKIIP16GH066V1 Datasheet
800Kb / 4P
   H-bridge inverter
16GH066V1 SEMIKRON-16GH066V1_09 Datasheet
839Kb / 4P
   H-bridge inverter
logo
Freescale Semiconductor...
MC33899 FREESCALE-MC33899 Datasheet
429Kb / 26P
   Programmable H-Bridge Power IC
MC33899 FREESCALE-MC33899_08 Datasheet
463Kb / 26P
   Programmable H-Bridge Power IC
33899 FREESCALE-33899 Datasheet
996Kb / 26P
   Programmable H-Bridge Power IC
logo
Unisonic Technologies
CD4069 UTC-CD4069 Datasheet
106Kb / 7P
   INVERTER CIRCUIT CMOS IC
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com