전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK5F4U3E2D-E 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 STK5F4U3E2D-E
상세설명  Inverter Power H-IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F4U3E2D-E 데이터시트(HTML) 1 Page - ON Semiconductor

  STK5F4U3E2D-E Datasheet HTML 1Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 2Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 3Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 4Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 5Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 6Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 7Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 8Page - ON Semiconductor STK5F4U3E2D-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
O0913HK No.A2230-1/14
Semiconductor Components Industries, LLC, 2013
October, 2013
http://onsemi.com
STK5F4U3E2D-E
Overview
This “Inverter Power H-IC” is highly integrated device containing all High Voltage (HV) control from HV-DC to
3-phase outputs in a single DIP module (Dual-In line Package). Output stage uses IGBT/FRD technology and
implements Under Voltage Protection (UVP) and Over Current Protection (OCP) with a Fault Detection output flag.
Internal Boost diodes are provided for high side gate boost drive.
Function
 Single control power supply due to Internal bootstrap circuit for high side pre-driver circuit
 All control inputs and status outputs are at low voltage levels directly compatible with microcontrollers.
 A single power supply drive is enabled through the use of bootstrap circuits for upper power supplies
 Built-in dead-time for shoot-thru protection
 Having open emitter output for low side IGBTs; individual shunt resistor per phase for OCP
 Externally accessible embedded thermistor for substrate temperature measurement
 Shutdown function ‘ITRIP’ to disable all operations of the 6 phase output stage by external input
Certification
 UL1557 (File number: E339285).
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Remarks
Ratings
Unit
Supply voltage
VCC
P to NU,NV,NW, surge < 500V *1
450
V
Collector-emitter voltage
VCE
P to U,V,W, U to NU, V toNV, or W to NW
600
V
Output current
Io
P , N , U,V,W terminal current.
±50
A
P , N , U,V,W terminal current. Tc=100
C
±25
Output peak current
Iop
P , N, U,V,W terminal current , PW=1ms.
±100
A
Pre-driver supply voltage
VD1,2,3,4
VB1-VS1,VB2-VS2,VB3-VS3,VDD-VSS *2
20
V
Input signal voltage
VIN
HIN1, 2, 3, LIN1, 2, 3, terminal.
0.3 to VDD
V
FAULT terminal voltage
VFAULT
FAULT terminal.
0.3 to VDD
V
Maximum loss
Pd
IGBT per channel
62.5
W
Junction temperature
Tj
IGBT, FRD
150
C
Storage temperature
Tstg
40 to +125
C
Operating temperature
Tc
HIC case
20 to +100
C
Tightening torque
MT
A screw part at use M4 type screw *3
1.17
Nm
Withstand Voltage
Vis
50Hz sine wave AC 1 minute *4
2000
VRMS
Reference voltage is “VSS” terminal voltage unless otherwise specified.
*1: Surge voltage developed by the switching operation due to the wiring inductance between the P and N terminals.
*2: Terminal voltage: VD1=VB1-VS1, VD2=VB2-VS2, VD3=VB3-VS3, VD4=VDD-VSS.
*3: Flatness of the heat-sink should be 0.25mm and below.
*4. Test conditions: AC 2500V, 1 second.
Ordering number : EN*A2230
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Thick-Film Hybrid IC
Inverter Power H-IC
for 3-phase Motor Drive
ORDERING INFORMATION
See detailed ordering and shipping information on page 14 of this data sheet.
Advance Information
This document contains information on a new product. Specifications and information
herein are subject to change without notice.


유사한 부품 번호 - STK5F4U3E2D-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
More results

유사한 설명 - STK5F4U3E2D-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Semikron International
28GH066V1 SEMIKRON-28GH066V1 Datasheet
640Kb / 4P
   H-bridge inverter
27GH066V1 SEMIKRON-27GH066V1 Datasheet
657Kb / 4P
   H-bridge inverter
SKIIP16GH066V1 SEMIKRON-SKIIP16GH066V1 Datasheet
800Kb / 4P
   H-bridge inverter
16GH066V1 SEMIKRON-16GH066V1_09 Datasheet
839Kb / 4P
   H-bridge inverter
logo
Freescale Semiconductor...
MC33899 FREESCALE-MC33899 Datasheet
429Kb / 26P
   Programmable H-Bridge Power IC
MC33899 FREESCALE-MC33899_08 Datasheet
463Kb / 26P
   Programmable H-Bridge Power IC
33899 FREESCALE-33899 Datasheet
996Kb / 26P
   Programmable H-Bridge Power IC
logo
Unisonic Technologies
CD4069 UTC-CD4069 Datasheet
106Kb / 7P
   INVERTER CIRCUIT CMOS IC
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com