전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLF2931GV33 데이터시트(PDF) 11 Page - Infineon Technologies AG

부품명 TLF2931GV33
상세설명  Low Dropout Linear Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF2931GV33 데이터시트(HTML) 11 Page - Infineon Technologies AG

Back Button TLF2931GV33 Datasheet HTML 7Page - Infineon Technologies AG TLF2931GV33 Datasheet HTML 8Page - Infineon Technologies AG TLF2931GV33 Datasheet HTML 9Page - Infineon Technologies AG TLF2931GV33 Datasheet HTML 10Page - Infineon Technologies AG TLF2931GV33 Datasheet HTML 11Page - Infineon Technologies AG TLF2931GV33 Datasheet HTML 12Page - Infineon Technologies AG TLF2931GV33 Datasheet HTML 13Page - Infineon Technologies AG TLF2931GV33 Datasheet HTML 14Page - Infineon Technologies AG TLF2931GV33 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TLF2931
Electrical Characteristics
Data Sheet
11
Rev. 1.0, 2010-10-06
Current Consumption
I
q versus
Output Current
I
OUT
Current Consumption
I
q versus
Input Voltage
V
I
Ι
Q
0
0
AED01980
mA
150
50
100
Ι
q
2
4
6
8
mA
12
Vi =13.5 V
10
0
2
4
6
8
10
12
010
20
30
40
V I [V]
R
L = 50 Ω
R
L = 100 Ω
IQ_VI.VSD


유사한 부품 번호 - TLF2931GV33

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
TLF24HB1031R0K1 TAIYO-YUDEN-TLF24HB1031R0K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF24HB1223R0K1 TAIYO-YUDEN-TLF24HB1223R0K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF24HB1230R9K1 TAIYO-YUDEN-TLF24HB1230R9K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF24HB1830R8K1 TAIYO-YUDEN-TLF24HB1830R8K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF24HB2222R2K1 TAIYO-YUDEN-TLF24HB2222R2K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
More results

유사한 설명 - TLF2931GV33

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com