전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLF1963TB 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 TLF1963TB
상세설명  Low Dropout Linear Voltage Post Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF1963TB 데이터시트(HTML) 3 Page - Infineon Technologies AG

  TLF1963TB Datasheet HTML 1Page - Infineon Technologies AG TLF1963TB Datasheet HTML 2Page - Infineon Technologies AG TLF1963TB Datasheet HTML 3Page - Infineon Technologies AG TLF1963TB Datasheet HTML 4Page - Infineon Technologies AG TLF1963TB Datasheet HTML 5Page - Infineon Technologies AG TLF1963TB Datasheet HTML 6Page - Infineon Technologies AG TLF1963TB Datasheet HTML 7Page - Infineon Technologies AG TLF1963TB Datasheet HTML 8Page - Infineon Technologies AG TLF1963TB Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Type
Package
Marking
TLF1963TB
PG-TO263-5
T1963V
TLF1963TE
PG-TO252-5
T1963V
PG-TO263-5
PG-TO252-5
Data Sheet
3
Rev. 1.0, 2012-11-08
Low Dropout Linear Voltage Post Regulator
TLF1963
1Overview
Features
Adjustable Output Voltage
Output Voltage Tolerance at small loads of
±1.5 %
Output Current Capability up to 1.5 A
Very Low Dropout Voltage of 340 mV
Extended Operating Range Starting at 1.7 V
Low Noise of typ. 40 µVRMS (10 Hz to 100 kHz)
Small Output Capacitor for Stability 10 µF
Suitable for Ceramic Output Capacitors
Enable Functionality
Overtemperature Shutdown
Reverse Polarity Protection
Output Current Limitation
Wide Temperature Range From -40 °C up to 150 °C
Suitable for use in automotive electronics as Post Regulator
Green Product (RoHS compliant)
AEC Qualified
Functional Description
TLF1963 is a low dropout voltage regulator available in PG-TO263-5 and
PG-TO252-5 SMD package. The IC regulates an input voltage
V
I in the
range of 2.5 V <
V
I < 20 V
to an adjustable output voltage of
1.21 V <
V
Q,nom < VI -Vdr. The device is capable to supply loads up to 1.5 A. The regulator can be enabled and
disabled via the Enable input. The integrated output current limitation and the overtemperature shutdown will
protect the device against failures like output short circuit to GND, overcurrent and overtemperature.
The TLF1963 provides the ideal solution for systems requiring several supply voltages. With its adjust feature the
regulator can provide all supply voltages between 1.21 V and the available input voltage, this offers a high flexibility
to the system designer.
Choosing External Components
The input capacitor CI is necessary for compensating line influences. The output capacitor CQ is necessary for the
stability of the regulating circuit. Stability is guaranteed at values specified in “Functional Range” on Page 8
within the whole operating temperature range.


유사한 부품 번호 - TLF1963TB

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
TLF10UAH1230R5 TAIYO-YUDEN-TLF10UAH1230R5 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF10UAH8720R7 TAIYO-YUDEN-TLF10UAH8720R7 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF10UAH9920R6 TAIYO-YUDEN-TLF10UAH9920R6 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
logo
Infineon Technologies A...
TLF11251LD INFINEON-TLF11251LD Datasheet
2Mb / 25P
   OPTIREG™ PMIC TLF11251LD 2.5 A half bridge with integrated driver and level shifter
Rev. 1.02 2021-02-05
logo
RFE international
TLF1306-101Y RFE-TLF1306-101Y Datasheet
165Kb / 2P
   SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
More results

유사한 설명 - TLF1963TB

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com