전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4267 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 TLE4267
상세설명  5-V Low Drop Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4267_12 Datasheet HTML 2Page - Infineon Technologies AG TLE4267_12 Datasheet HTML 3Page - Infineon Technologies AG TLE4267_12 Datasheet HTML 4Page - Infineon Technologies AG TLE4267_12 Datasheet HTML 5Page - Infineon Technologies AG TLE4267_12 Datasheet HTML 6Page - Infineon Technologies AG TLE4267_12 Datasheet HTML 7Page - Infineon Technologies AG TLE4267_12 Datasheet HTML 8Page - Infineon Technologies AG TLE4267_12 Datasheet HTML 9Page - Infineon Technologies AG TLE4267_12 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Data Sheet
6
Rev. 2.51, 2012-01-20
TLE 4267
Figure 2
Pin Configuration (top view)
Table 3
Pin Definitions and Functions
Pin
Symbol
Function
1I
Input; block to ground directly at the IC by a ceramic capacitor
2E2
Inhibit; device is turned on by High signal on this pin; internal
pull-down resistor of 100 k
Ω
7RO
Reset Output; open-collector output internally connected to
the output via a resistor of 30 k
Ω
3, 4, 5, 10,
11, 12
GND
Ground; connected to rear of chip
8D
Reset Delay; connect with capacitor to GND for setting delay
9E6
Hold; see Table 1 for function; this input is connected to output
voltage via a pull-up resistor of 50 k
Ω
13
Q
5-V Output; block to GND with 22-
μF capacitor, ESR ≤ 3 Ω
6, 14
N.C.
Not Connected
PG-DSO-14-30
AEP02710
E6
GND
N.C.
N.C.
RO
GND
Q
10
9
GND
GND
1
2
3
4
5
GND
6
7D
14
13
12
11
E2
GND
8
Ι


유사한 부품 번호 - TLE4267_12

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4267-2 INFINEON-TLE4267-2 Datasheet
1Mb / 20P
   5-V Low Drop Voltage Regulator
Rev. 1.0, 2012-04-03
TLE4267-2G INFINEON-TLE4267-2G Datasheet
1Mb / 20P
   5-V Low Drop Voltage Regulator
Rev. 1.0, 2012-04-03
logo
Siemens Semiconductor G...
TLE4267G SIEMENS-TLE4267G Datasheet
139Kb / 16P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267G INFINEON-TLE4267G Datasheet
413Kb / 22P
   5-V Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
logo
Siemens Semiconductor G...
TLE4267S SIEMENS-TLE4267S Datasheet
139Kb / 16P
   5-V Low-Drop Voltage Regulator
More results

유사한 설명 - TLE4267_12

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com