전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS-32-12ZETA 데이터시트(PDF) 6 Page - Copal Electronics

부품명 CS-32-12ZETA
상세설명  ROTARY SELECTOR SWITCHES (SMD)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COPAL [Copal Electronics]
홈페이지  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-32-12ZETA 데이터시트(HTML) 6 Page - Copal Electronics

  CS-32-12ZETA Datasheet HTML 1Page - Copal Electronics CS-32-12ZETA Datasheet HTML 2Page - Copal Electronics CS-32-12ZETA Datasheet HTML 3Page - Copal Electronics CS-32-12ZETA Datasheet HTML 4Page - Copal Electronics CS-32-12ZETA Datasheet HTML 5Page - Copal Electronics CS-32-12ZETA Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGING SPECIFICATIONS
<Taping packaging specifications>
O Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the dia-
grams below:
O CS-32ZETA and ZETB versions are boxed with 4 reels
(2000 pcs.). CS-32ZETG and ZETH versions are boxed
with one reel (500 pcs.)
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
21
±0.8
13
±0.2
2
±0.5
180
0
–1.5
(Top setting type)
15.4
±1 (ETA/ETB)
17.4
±1 (ETG/ETH)
13.4
(ETG/ETH)
+1
0
13 (ETA/ETB)
+1
0
φ
φ
φ
254
±2 (Side setting type)
φ
<Bulk pack specifications>
O The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack. Orders will be accepted for unit of minimum 10
pcs., i.e., 10, 20, 30 pcs. , etc.
O Boxing of bulk in a plastic bag is performed with 100
pcs. (standard 500 pcs.) per box.
O CS-32-12ZETA/CS-32-12ZETB
O CS-32-12ZETG/CS-32-12ZETH
(Unit: mm)
40.1
20.05
80.1
0.30.1
2.5
Direction of feed
Installation example
(CS-32EA)
40.1
20.1
80.1
0.40.1
5.5 max.
Installation example
(CS-32EH)
Direction of feed
(Conforms to JIS C 0806)
CS-32
ROTARY SELECTOR SWITCHES (SMD)


유사한 부품 번호 - CS-32-12ZETA

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
CS-32 TELEDYNE-CS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
logo
CUI INC
CS-3212 CUI-CS-3212 Datasheet
122Kb / 1P
   solid state buzzer
logo
Cherry Semiconductor Co...
CS-322 CHERRY-CS-322 Datasheet
801Kb / 4P
   Hysteretic Current-Mode Controller
logo
List of Unclassifed Man...
CS-322 ETC1-CS-322 Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
logo
CUI INC
CS-3224 CUI-CS-3224 Datasheet
113Kb / 1P
   solid state buzzer
More results

유사한 설명 - CS-32-12ZETA

제조업체부품명데이터시트상세설명
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com