전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE7183QUSCD1 데이터시트(PDF) 10 Page - Infineon Technologies AG

부품명 TLE7183QUSCD1
상세설명  3 Phase Driver IC Automotive Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183QUSCD1 데이터시트(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7183QUSCD1 Datasheet HTML 6Page - Infineon Technologies AG TLE7183QUSCD1 Datasheet HTML 7Page - Infineon Technologies AG TLE7183QUSCD1 Datasheet HTML 8Page - Infineon Technologies AG TLE7183QUSCD1 Datasheet HTML 9Page - Infineon Technologies AG TLE7183QUSCD1 Datasheet HTML 10Page - Infineon Technologies AG TLE7183QUSCD1 Datasheet HTML 11Page - Infineon Technologies AG TLE7183QUSCD1 Datasheet HTML 12Page - Infineon Technologies AG TLE7183QUSCD1 Datasheet HTML 13Page - Infineon Technologies AG TLE7183QUSCD1 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TLE7183QU
General Product Characteristics
Data Sheet
10
Rev. 1.1, 2016-01-28
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Default State of Inputs
Table 1
Default State of Inputs
Note: The load condition “C=22nF; RLoad=1Ω” in the paragraph “Electrical characteristics / Dynamic charactersitic” means that
RLoad is connected between the output Gxx and the positive terminal of the C. The negative terminal of the C is connected
to GND and the corresponding Sxx. The voltage is measured at the positive terminal of the C.
4.2.7
Supply current at Vs(device
disabled by ENA)
IVs(o)
–60
50
mA
Vs=5.5V..17V
Vs=17V..20V
4.2.8
Currrent into VDH (device not in
sleep mode)
IVDH
1.5
mA
VVDH=5.5..20V
INH=high
4.2.9
Voltage difference CB2-VDH
VCB2
-0.3
25
V
Operation mode
4.2.10
Junction temperature
Tj
-40
150
°C
1) max ratings for Tj has to be considered as well
2) For proper start up minimum Vs=6.5V is required
3) Duty cycle is referred to the high side input command (IHx); The duty cycles can be driven continuously and fully operational
4) total current consumption from power net (Vs and VDH)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Characteristic
State
Remark
Default state of ILx (if ILx left open)
Low
Low side MOSFETs off
Default state of IHx (if IHx left open)
High
High side MOSFETs off
Default state of ENA (if ENA1 left open)
Low
Device outputs disabled
Default state of ENA (if ENA2 left open)
Low
Device outputs disabled
Default state of INH (if INH left open)
Low
Sleep mode, IQ < 30 µA
Default State of sense amplifier output VO
(ISP=ISN=0V)
Zero ampere equivalent
Status of the device and the outputs when
ENA1=ENA2=INH=high
Device active and outputs functional
Vs=5.5..28V
Pull up or pull down integrated resistors
Ixx, ENA
30k
Ω +/-50%
Pull down integrated resistor INH
45k
Ω +/-50%


유사한 부품 번호 - TLE7183QUSCD1

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE7183F INFINEON-TLE7183F Datasheet
706Kb / 28P
   3-Phase Bridge Driver IC
V2.1, April 2008
TLE7183F INFINEON-TLE7183F Datasheet
799Kb / 28P
   Automotive Power
2.2, Jan. 2016
TLE7183F INFINEON-TLE7183F_16 Datasheet
799Kb / 28P
   Automotive Power
2.2, Jan. 2016
TLE7183SCD1 INFINEON-TLE7183SCD1 Datasheet
799Kb / 28P
   Automotive Power
2.2, Jan. 2016
TLE7183SCD2 INFINEON-TLE7183SCD2 Datasheet
799Kb / 28P
   Automotive Power
2.2, Jan. 2016
More results

유사한 설명 - TLE7183QUSCD1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
logo
Infineon Technologies A...
TLE6280GP INFINEON-TLE6280GP Datasheet
821Kb / 24P
   3-Phase Bridge Driver IC
2007-07-19
TLE7189F INFINEON-TLE7189F Datasheet
635Kb / 29P
   3-Phase Bridge Driver IC
Rev. 2.1, May 2007
AUIRS2336S INFINEON-AUIRS2336S Datasheet
665Kb / 37P
   3-PHASE BRIDGE DRIVER IC
October 11, 2010
TLE7188F INFINEON-TLE7188F Datasheet
707Kb / 28P
   3-Phase Bridge Driver IC
V2.1, 2007-06
TLE6280GP INFINEON-TLE6280GP_07 Datasheet
362Kb / 25P
   3-Phase Bridge Driver IC
2007-07-19
TLE7185-1E INFINEON-TLE7185-1E Datasheet
515Kb / 23P
   3-Phase Bridge Driver IC
Rev. 2.4, Jul 2010
TLE7189QK INFINEON-TLE7189QK_16 Datasheet
1Mb / 29P
   3-Phase Bridge Driver IC
Rev. 2.2, 2016-01-28
logo
International Rectifier
AUIRS2336S IRF-AUIRS2336S Datasheet
665Kb / 37P
   3-PHASE BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE7183F INFINEON-TLE7183F Datasheet
706Kb / 28P
   3-Phase Bridge Driver IC
V2.1, April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com