전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRKC71 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRKC71
상세설명  ADD-A-pak GEN V Power Modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRKC71 데이터시트(HTML) 6 Page - International Rectifier

  IRKC71 Datasheet HTML 1Page - International Rectifier IRKC71 Datasheet HTML 2Page - International Rectifier IRKC71 Datasheet HTML 3Page - International Rectifier IRKC71 Datasheet HTML 4Page - International Rectifier IRKC71 Datasheet HTML 5Page - International Rectifier IRKC71 Datasheet HTML 6Page - International Rectifier IRKC71 Datasheet HTML 7Page - International Rectifier IRKC71 Datasheet HTML 8Page - International Rectifier IRKC71 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRK.56, .71 Series
6
Bulletin I27140 rev. E 10/02
www.irf.com
Fig. 9 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
Fig. 7 - Forward Power Loss Characteristics
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
3 K/W
2 K/W
1.5
K/W
1 K/
W
0.7
K/W
7 K/W
R
=
0.5
K/W
- D
elta
R
0
20
40
60
80
100
120
020
40
60
80
100
Total RMS Output Current (A)
180°
(Sine)
DC
IRK.56.. Series
Per Junction
T = 150°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
1 K/W
0.5
K/W
0.3
K/W
0.2
K/W
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100 120 140
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x IRK.56.. Series
Single Phase Bridge
Connected
T = 150°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
1.5 K/W
1 K/W
0.7 K
/W
0.3
K/W
0.5 K
/W
3 K/W
0.4
K/W
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80 100 120 140 160
Total Output Current (A)
120°
(Rect)
3 x IRK.56.. Series
Three Phase Bridge
Connected
T = 150°C
J


유사한 부품 번호 - IRKC71

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRKC166-04 IRF-IRKC166-04 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC166-08 IRF-IRKC166-08 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC166-12 IRF-IRKC166-12 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC166-14 IRF-IRKC166-14 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC166-16 IRF-IRKC166-16 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
More results

유사한 설명 - IRKC71

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRK91 IRF-IRK91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKC91 IRF-IRKC91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRK71 IRF-IRK71 Datasheet
244Kb / 10P
   ADD-A-pak GEN V Power Modules
IRK-71 IRF-IRK-71 Datasheet
238Kb / 10P
   ADD - A - pak-TM GEN V Power Modules
IRK2.6 IRF-IRK2.6 Datasheet
155Kb / 8P
   ADD-A-pak-TM GEN V Power Modules
IRKV105 IRF-IRKV105 Datasheet
117Kb / 8P
   ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR
IRKT.71 IRF-IRKT.71 Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU41 IRF-IRKU41 Datasheet
178Kb / 9P
   ADD-A-pakTM GEN V Power Modules
IRK.26 IRF-IRK.26 Datasheet
150Kb / 8P
   ADD-A-pakTM GEN V Power Modules
IRKU105 IRF-IRKU105 Datasheet
121Kb / 8P
   ADD-A-pakTM GEN V Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com