전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS92515 데이터시트(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS92515
상세설명  2-A, Buck LED Driver with Integrated N-channel FET,High-Side Current Sense, and Shunt FET PWM Dimming Capability
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92515 데이터시트(HTML) 23 Page - Texas Instruments

Back Button TPS92515 Datasheet HTML 19Page - Texas Instruments TPS92515 Datasheet HTML 20Page - Texas Instruments TPS92515 Datasheet HTML 21Page - Texas Instruments TPS92515 Datasheet HTML 22Page - Texas Instruments TPS92515 Datasheet HTML 23Page - Texas Instruments TPS92515 Datasheet HTML 24Page - Texas Instruments TPS92515 Datasheet HTML 25Page - Texas Instruments TPS92515 Datasheet HTML 26Page - Texas Instruments TPS92515 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
LED
OFF
SW
IN MIN
IN PP
1
I
x
t
f
C
V
ª
º
«
»
¬
¼
'
IADJ
SENSE
L PP
LED
V
10
R
I
I
2
ª
º
«
»
¬
¼
'
ª
º
¬
¼
IADJ
PEAK
SENSE
V
10
IL
R
ª
º
«
»
¬
¼
LED
OFF
L PP
V
x t
L
I
'
OFT
LED
OFF
OFF
V
OFF
V
t
R
C
ln 1
ª
º
ª
º
¬
¼
¬
¼
OFF
SW
1
t
x 1 D
f
ª
º
¬
¼
23
TPS92515, TPS92515-Q1, TPS92515HV, TPS92515HV-Q1
www.ti.com
SLUSBZ6A – APRIL 2016 – REVISED AUGUST 2016
Product Folder Links: TPS92515 TPS92515-Q1 TPS92515HV TPS92515HV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
derived from:
T = [tOFF + tON ]= [tOFF+ (D × T)] and
T = 1/fSW
(16)
9.2.1.3 Calculate OFF-Time Resistor ROFF
Select a COFF between 100 pF and 1 nF. The preferred value is 470 pF. The EC table specifies the OFF-time
threshold (VOFT) at 1 V.
(17)
9.2.1.4 Calculate the Minimum Inductance Value
Where ΔIL-PP is in Amperes. For example, a 1-A solution with 20% inductor ripple: set ΔIL-PP = 0.2A
(18)
When selecting the inductor, ensure the ratings for both peak and average current are adequate. Equation 19
calculates the peak inductor current.
(19)
9.2.1.5 Calculate the Sense Resistance
Always use the highest VIADJ voltage the application allows without exceeding 5.5 V. The device clamps any
higher value to a level 2.4 V. See also the Analog Adjust Input for details.
(20)
9.2.1.6 Calculate Input Capacitance
NOTE
Input voltage ripple (ΔVIN-PP) must not exceed 10% of the input voltage (VIN) or 2 V,
whichever is lower.
For example, VIN = 50 V, 50 x 0.1 = 5 V; the maximum ΔVIN-PP remains 2 V.
(21)
9.2.1.7 Calculate Output Capacitance
Because current is being regulated and is continuous, no output capacitance is required to supply the load and
maintain output voltage. This regulation helps when designing a high-frequency PWM dimming on the LED load.
When no output capacitor is used, the same design calculations for ΔIL-PP also apply to ΔILED-PP.


유사한 부품 번호 - TPS92515

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515AHVQDGQRQ1 TI1-TPS92515AHVQDGQRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515AHVQDGQTQ1 TI1-TPS92515AHVQDGQTQ1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
More results

유사한 설명 - TPS92515

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834_10 Datasheet
204Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 3; 1/10
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
logo
Microsemi Corporation
NX2415 MICROSEMI-NX2415 Datasheet
654Kb / 21P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
   Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
   Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
Micrel Semiconductor
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
   High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com