전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLF51801ELV 데이터시트(PDF) 10 Page - Infineon Technologies AG

부품명 TLF51801ELV
상세설명  10 A synchronous DC/DC Step-Down Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF51801ELV 데이터시트(HTML) 10 Page - Infineon Technologies AG

Back Button TLF51801ELV Datasheet HTML 6Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 7Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 8Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 9Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 10Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 11Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 12Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 13Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data sheet
10
Rev. 1.0.1, 2013-04-15
TLF51801ELV
Regulator
5.3
Operation Mode
The PWM pulses are voltage controlled. The error amplifier and the PWM comparator are creating the PWM
pulses using the oscillator saw-tooth signal and the feedback voltage. The pulse-width modulation is done so that
the feedback voltage is similar to the reference voltage (1.2 V). To achieve a stable output voltage even under very
low or very high duty cycle conditions a pulse skipping mode is implemented. When the minimum off time for the
up-side gate is reached (boundary between dark grey area and light grey area in Figure 6), the TLF51801ELV
operates in pulse skipping mode for high duty cycle. This operation mode is typically used with low supply voltages
for very low dropout operation. If the minimum on time for the up-side gate is reached (boundary between dark
grey area and light grey area in Figure 6) the TLF51801ELV operates in pulse skipping mode for low duty cycle.
Figure 6
Operation Mode


유사한 부품 번호 - TLF51801ELV

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLF50201EL INFINEON-TLF50201EL Datasheet
808Kb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50201ELV50 INFINEON-TLF50201ELV50 Datasheet
808Kb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50211ELV50 INFINEON-TLF50211ELV50 Datasheet
833Kb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
More results

유사한 설명 - TLF51801ELV

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Panasonic Semiconductor
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com