전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75818PT 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 LC75818PT
상세설명  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75818PT 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button LC75818PT Datasheet HTML 5Page - ON Semiconductor LC75818PT Datasheet HTML 6Page - ON Semiconductor LC75818PT Datasheet HTML 7Page - ON Semiconductor LC75818PT Datasheet HTML 8Page - ON Semiconductor LC75818PT Datasheet HTML 9Page - ON Semiconductor LC75818PT Datasheet HTML 10Page - ON Semiconductor LC75818PT Datasheet HTML 11Page - ON Semiconductor LC75818PT Datasheet HTML 12Page - ON Semiconductor LC75818PT Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
LC75818PT
No.A0964-9/43
Continued from preceding page.
Pin
Pin No.
Function
Active
I/O
Handling
when unused
VLCD3
111
LCD drive 1/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 1/4 (VLCD0 - VLCD4) voltage level
externally.
-
I
OPEN
VLCD4
112
LCD drive 0/4 bias voltage (low level) supply pin. Fine
adjustment of the display contrast can be implemented by
connecting an external variable resistor to this pin.
However, (VLCD0 - VLCD4) must be greater than or equal to 4.5V,
and VLCD4 must be in the range 0V to 1.5V, inclusive.
-
I
GND
VDD
106
Logic block power supply connection. Provide a voltage of
between 2.7to 3.6V.
-
-
-
VLCD
107
LCD driver block power supply connection. Provide a voltage of
between 7.0 to 10.0V when the display contrast adjustment circuit
is used and provide a voltage of between 4.5 to 10.0V when the
circuit is not used.
-
-
-
VSS
113
Power supply connection. Connect to ground.
-
-
-
Block Functions
• AC (address counter)
AC is a counter that provides the addresses used for DCRAM and ADRAM.
The address is automatically modified internally, and the LCD display state is retained.
• DCRAM (data control RAM)
DCRAM is RAM that is used to store display data expressed as 8-bit character codes. (These character codes are
converted to 5
×7, 5×8, or 5×9 dot matrix character patterns using CGROM or CGRAM.) DCRAM has a capacity of
64
×8 bits, and can hold 64 characters. The table below lists the correspondence between the 6-bit DCRAM address
loaded into AC and the display position on the LCD panel.
• When the DCRAM address loaded into AC is 00H.
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DCRAM address (hexadecimal)
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
However, when the display shift is performed by specifying MDATA, the DCRAM address shifts as shown below.
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DCRAM address (hexadecimal)
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10
(shift left)
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DCRAM address (hexadecimal)
3F
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
(shift right)
Note: *3. The DCRAM address is expressed in hexadecimal.
DCRAM address
DA0
DA1
DA2
DA3
DA4
DA5
Hexadecimal
Hexadecimal
Example: When the DCRAM address is 2EH.
DA0
DA1
DA2
DA3
DA4
DA5
0
1
1
1
0
1
Most significant bit
MSB
Least significant bit
LSB


유사한 부품 번호 - LC75818PT

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
464Kb / 44P
   Duty Dot Matrix LCD Controller & Driver
June 2017 - Rev. 1
LC75818PT-8560-H ONSEMI-LC75818PT-8560-H Datasheet
464Kb / 44P
   Duty Dot Matrix LCD Controller & Driver
June 2017 - Rev. 1
LC75818PT ONSEMI-LC75818PT_17 Datasheet
464Kb / 44P
   Duty Dot Matrix LCD Controller & Driver
June 2017 - Rev. 1
More results

유사한 설명 - LC75818PT

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH Datasheet
453Kb / 53P
   Duty Dot Matrix LCD Display Controllers
May, 2014
ENA1417 ONSEMI-ENA1417 Datasheet
551Kb / 54P
   Duty Dot Matrix LCD Display Controllers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com