전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75836WS-T 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 LC75836WS-T
상세설명  General-Purpose LCD Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75836WS-T 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button LC75836WS-T Datasheet HTML 6Page - ON Semiconductor LC75836WS-T Datasheet HTML 7Page - ON Semiconductor LC75836WS-T Datasheet HTML 8Page - ON Semiconductor LC75836WS-T Datasheet HTML 9Page - ON Semiconductor LC75836WS-T Datasheet HTML 10Page - ON Semiconductor LC75836WS-T Datasheet HTML 11Page - ON Semiconductor LC75836WS-T Datasheet HTML 12Page - ON Semiconductor LC75836WS-T Datasheet HTML 13Page - ON Semiconductor LC75836WS-T Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LC75836WS-T
www.onsemi.com
10
Control Data Functions
1. FC0 to FC2: Common/segment output waveform frame frequency control data
These control data bits set the frame frequency of the common and segment output waveforms.
Control data
Frame frequency fo [Hz]
FC0
FC1
FC2
1
1
0
fosc/768,fCK/768
1
1
1
fosc/576,fCK/576
0
0
0
fosc/384,fCK/384
0
0
1
fosc/288,fCK/288
0
1
0
fosc/192,fCK/192
2. P0 to P2: Segment output port/general-purpose output port switching control data
These control data bits switch the segment output port/general-purpose output port functions of the S1/P1 to S4/P4
output pins.
Control data
Output pin state
P0
P1
P2
S1/P1
S2/P2
S3/P3
S4/P4
0
0
0
S1
S2
S3
S4
0
0
1
P1
S2
S3
S4
0
1
0
P1
P2
S3
S4
0
1
1
P1
P2
P3
S4
1
0
0
P1
P2
P3
P4
Note: Sn (n = 1 to 4): Segment output ports
Pn (n = 1 to 4): General-purpose output ports
Note that when the general-purpose output port function is selected, the correspondence between the output pins and
the display data will be that shown in the table.
Output pin
Corresponding display data
S1/P1
D1
S2/P2
D5
S3/P3
D9
S4/P4
D13
For example, if the general-purpose output port function is selected for the S4/P4 output pin, that output pin will
output a high level (VDD) when the display data D13 is 1, and a low level (VSS) when the D13 is 0.
3. OC: RC oscillator operating mode/external clock operating mode switching control data.
This control data bit switches the OSC pin function
(either RC oscillator operating mode or external clock operating mode).
OC
OSC pin function
0
RC oscillator operating mode
1
External clock operating mode
Note: An external resistor, Rosc, and an external capacitor, Cosc, must be connected to the OSC pin if RC oscillator
operating mode is selected.
4. SC: Segment on/off control data
This control data bit controls the on/off state of the segments.
SC
Display state
0
On
1
Off
Note that when the segments are turned off by setting SC to 1, the segments are turned off by outputting segment off
waveforms from the segment output pins.


유사한 부품 번호 - LC75836WS-T

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75836WS-T-E ONSEMI-LC75836WS-T-E Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75836WS-T ONSEMI-LC75836WS-T_17 Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

유사한 설명 - LC75836WS-T

제조업체부품명데이터시트상세설명
logo
Princeton Technology Co...
PT6533 PTC-PT6533_10 Datasheet
115Kb / 4P
   General Purpose LCD Driver
PT6533 PTC-PT6533 Datasheet
115Kb / 4P
   General Purpose LCD Driver
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT6579 PTC-PT6579 Datasheet
302Kb / 6P
   General Purpose LCD Driver IC
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com