전자부품 데이터시트 검색엔진 |
|
MC33982PNA 데이터시트(PDF) 8 Page - Motorola, Inc |
|
MC33982PNA 데이터시트(HTML) 8 Page - Motorola, Inc |
8 / 24 page 33982 MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA 8 STATIC ELECTRICAL CHARACTERISTICS (continued) Characteristics noted under conditions 4.5 V ≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted. Characteristic Symbol Min Typ Max Unit POWER OUTPUT (continued) Current Sense Ratio (CSR1) Accuracy Output Current 10 A 20 A 25 A 30 A 40 A 50 A CSR1_ACC -25 -19 -18 -17 -18 -18 – – – – – – 25 19 18 17 18 18 % Maximum Current Sense Clamp Voltage ICSNS = 15 mA VCL(MAXCSNS) 4.5 6.0 7.0 V Open Load Detection Current (Note 11) IOLDC 30 – 100 µA Output Fault Detection Threshold Output Programmed OFF VOLD(THRES) 2.0 3.0 4.0 V Output Negative Clamp Voltage 0.5 A < = IOUT < = 2.0 A, Output OFF VCL -20 – – V Overtemperature Shutdown (Note 12) TA = 125°C, Output OFF TSD 160 175 190 °C Overtemperature Shutdown Hysteresis (Note 12) TSD(HYS) 5.0 – 20 °C Notes 11. Output OFF Open Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of an open load condition when the specific output is commanded OFF. 12. Guaranteed by process monitoring. Not production tested. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
유사한 부품 번호 - MC33982PNA |
|
유사한 설명 - MC33982PNA |