전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2200IRHB 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2200IRHB
상세설명  PDA ANALOG INTERFACE CIRCUIT
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2200IRHB 데이터시트(HTML) 3 Page - Texas Instruments

  TSC2200IRHB Datasheet HTML 1Page - Texas Instruments TSC2200IRHB Datasheet HTML 2Page - Texas Instruments TSC2200IRHB Datasheet HTML 3Page - Texas Instruments TSC2200IRHB Datasheet HTML 4Page - Texas Instruments TSC2200IRHB Datasheet HTML 5Page - Texas Instruments TSC2200IRHB Datasheet HTML 6Page - Texas Instruments TSC2200IRHB Datasheet HTML 7Page - Texas Instruments TSC2200IRHB Datasheet HTML 8Page - Texas Instruments TSC2200IRHB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
3
www.ti.com
TSC2200
SBAS191F
ELECTRICAL CHARACTERISTICS
At –40
°C to +85°C, +V
DD = +2.7V, internal VREF = +2.5V, conversion clock = 2MHz, and 12-bit mode, unless otherwise noted.
TSC2200IPW
TSC2200IRHB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AUXILIARY ANALOG INPUT
Input Voltage Range
0
+VREF
✻✻
V
Input Capacitance
25
pF
Input Leakage Current
±1
µA
BATTERY MONITOR INPUT
Input Voltage Range
0.5
6.0
✻✻
V
Input Capacitance
25
pF
Input Leakage Current
±1
µA
Accuracy
–3+3
✻✻
%
TEMPERATURE MEASUREMENT
Temperature Range
–40
+85
✻✻
°C
Temperature Resolution
0.3
°C
Accuracy
±2
°C
A/D CONVERTER
Resolution
Programmable: 8-, 10-, or 12-Bits
12
Bits
No Missing Codes
12-Bit Resolution
11
Bits
Integral Linearity
±2
±3LSB
Offset Error
±6
LSB
Gain Error
Excluding Reference Error
±6
LSB
Noise
30
µVrms
Power-Supply Rejection
80
dB
D/A CONVERTER
Output Current Range
Set by Resistor from ARNG to GND
650
500
µA
Resolution
8
Bits
Integral Linearity
±2
LSB
VOLTAGE REFERENCE
Voltage Range
Internal 2.5V
2.45
2.5
2.55
✻✻
V
Internal 1.25V
1.225
1.25
1.275
✻✻
1.285
V
Reference Drift
20
ppm/
°C
External Reference Input Range
1.0
VDD
✻✻
V
Current Drain
20
µA
DIGITAL INPUT/OUTPUT
Internal Clock Frequency
8
MHz
Logic Family
CMOS
Logic Levels: VIH
IIH = +5µA0.7VDD
V
VIL
IIL = +5µA
–0.3
0.3VDD
✻✻
V
VOH
IOH = 2 TTL Loads
0.8VDD
V
VOL
IOL = 2 TTL Loads
0.4
V
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage, +VDD
Specified Performance
2.7
3.6
✻✻
V
Quiescent Current
See Note (1)
1.25
2.3
2.5
mA
See Note (2)
500
µA
Power-Down
3
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as TSC2200IPW.
NOTES: (1) AUX1 conversion, no averaging, no REF power down, 50
µs conversion. (2) AUX1 conversion, no averaging, external reference, 50µs conversion.


유사한 부품 번호 - TSC2200IRHB

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TSC2200IRHB BURR-BROWN-TSC2200IRHB Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
TSC2200IRHBR BURR-BROWN-TSC2200IRHBR Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
More results

유사한 설명 - TSC2200IRHB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com