전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2100IDAG4 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TSC2100IDAG4
상세설명  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2100IDAG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TSC2100IDAG4 Datasheet HTML 5Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 6Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 7Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 8Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 9Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 10Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 11Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 12Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
9
AUDIO INTERFACE TIMING DIAGRAMS
LRCK/ADWS
BCLK
DOUT
DIN
td (WS)
td (DO−WS)
td (DO−BCLK)
ts (DI)
th (DI)
Figure 1. I2S/LJF/RJF Timing in Master Mode
TYPICAL TIMING REQUIREMENTS (FIGURE 1)
All specifications at 25°C, DVDD = 1.8 V (1)
PARAMETER
IOVDD = 1.1 V IOVDD = 3.3 V
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
td (WS)
ADWS/LRCK delay
25
15
ns
td (DO−WS)
ADWS to DOUT delay (for LJF mode)
25
15
ns
td (DO−BCLK)
BCLK to DOUT delay
25
15
ns
ts(DI)
DIN setup
6
6
ns
th(DI)
DIN hold
6
6
ns
tr
Rise time
10
6
ns
tf
Fall time
10
6
ns
(1) These parameters are based on characterization and are not tested in production.
LRCK/ADWS
BCLK
DOUT
DIN
td (WS)
td (DO−BCLK)
ts (DI)
th (DI)
td (WS)
Figure 2. DSP Timing in Master Mode
TYPICAL TIMING REQUIREMENTS (FIGURE 2)
All specifications at 25°C, DVDD = 1.8 V(1)
PARAMETER
IOVDD = 1.1 V IOVDD = 3.3 V
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
td (WS)
ADWS/LRCK delay
25
15
ns
td (DO−BCLK)
BCLK to DOUT delay
25
15
ns
ts(DI)
DIN setup
6
6
ns
th(DI)
DIN hold
6
6
ns
tr
Rise time
10
6
ns
tf
Fall time
10
6
ns
(1) These parameters are based on characterization and are not tested in production.


유사한 부품 번호 - TSC2100IDAG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2100IDA TI-TSC2100IDA Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2100IDAR TI-TSC2100IDAR Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
More results

유사한 설명 - TSC2100IDAG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
   Multimedia AC97 CODEC with Integrated Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com