전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2301 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TSC2301
상세설명  PROGRAMMABLE TOUCH SCREEN CONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2301 데이터시트(HTML) 1 Page - Texas Instruments

  TSC2301_15 Datasheet HTML 1Page - Texas Instruments TSC2301_15 Datasheet HTML 2Page - Texas Instruments TSC2301_15 Datasheet HTML 3Page - Texas Instruments TSC2301_15 Datasheet HTML 4Page - Texas Instruments TSC2301_15 Datasheet HTML 5Page - Texas Instruments TSC2301_15 Datasheet HTML 6Page - Texas Instruments TSC2301_15 Datasheet HTML 7Page - Texas Instruments TSC2301_15 Datasheet HTML 8Page - Texas Instruments TSC2301_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
FUNCTIONAL BLOCK DIAGRAM
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PROGRAMMABLE TOUCH SCREEN CONTROLLER
WITH STEREO AUDIO CODEC
SPI™ Serial Interface
Personal Digital Assistants
Touch Screen Controller
Cellular Phones
– 4-Wire Touch Screen Interface
MP3 Players
– Internal Detection of Screen Touch and
Internet Appliances
Keypad Press
Smartphones
– Touch Pressure Measurement
– Ratiometric Conversion
– Programmable 8-, 10- or 12-Bit Resolution
The TSC2301 is a highly integrated PDA analog
– Programmable Sampling Rates Up to 125
interface circuit. It contains a complete 12-bit A/D
kHz
resistive touch screen converter (ADC) including
drivers,
touch
pressure
measurement
capability,
– Direct Battery Measurement (0 to 6 V)
keypad controller, and 8-bit D/A converter (DAC)
– On-Chip Temperature Measurement
output for LCD contrast control. The TSC2301 offers
– 4-by-4 Keypad Interface With
programmable resolution of 8, 10, and 12 bits and
Programmable De-Bounce and Key
sampling rates up to 125 kHz to accommodate
Masking
different screen sizes. The TSC2301 interfaces to the
– Integrated Touch Screen Processor
host
controller
through
a
standard
SPI
serial
Reduces Host CPU Interrupts and Overhead
interface.
– Internal Timing Control With Programmable
The TSC2301 features a high-performance 20-bit,
Delays and Averaging
48-ksps stereo audio codec with highly integrated
Stereo Audio Codec
analog
functionality.
The
audio
portion
of
the
– 20-Bit Delta-Sigma ADC/DAC
TSC2301 contains microphone input with built-in
pre-amp and microphone bias circuit, an auxiliary
– Dynamic Range: 98 dB
stereo analog input, a stereo line-level output, a
– Sampling Rate Up to 48 kHz
differential mono line-level output, and a stereo
– I2S Serial Interface
headphone amplifier output. The digital audio data is
– Stereo 16-
Ω Headphone Driver
transferred through a standard I2S interface. A fully
Full Power-Down Control
programmable PLL for generating audio clocks from a
wide variety of system clocks is also included.
8-Bit Current Output DAC
On-Chip Crystal Oscillator
The TSC2301 also offers two battery measurement
inputs capable of battery voltages up to 6 V, while
Programmable Bass/ Midrange/ Treble EQ
operating at a supply voltage of only 2.7 V. It also has
Effects Processing
an on-chip temperature sensor capable of reading
6 GPIO Pins
0.3°C resolution. The TSC2301 is available in 64-lead
Single 2.7-V to 3.6-V Supply
TQFP, and 120-ball VFBGA packages.
64-Pin TQFP Package
US Patent No. 6246394
120-Ball MicroStar Junior™ BGA Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroStar Junior is a trademark of Texas Instruments.
SPI is a trademark of Motorola.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TSC2301_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2301IGQZ TI-TSC2301IGQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZR TI-TSC2301IGQZR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IZQZ TI-TSC2301IZQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

유사한 설명 - TSC2301_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com