전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB41LV06APZPG4 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TSB41LV06APZPG4
상세설명  IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41LV06APZPG4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TSB41LV06APZPG4 Datasheet HTML 6Page - Texas Instruments TSB41LV06APZPG4 Datasheet HTML 7Page - Texas Instruments TSB41LV06APZPG4 Datasheet HTML 8Page - Texas Instruments TSB41LV06APZPG4 Datasheet HTML 9Page - Texas Instruments TSB41LV06APZPG4 Datasheet HTML 10Page - Texas Instruments TSB41LV06APZPG4 Datasheet HTML 11Page - Texas Instruments TSB41LV06APZPG4 Datasheet HTML 12Page - Texas Instruments TSB41LV06APZPG4 Datasheet HTML 13Page - Texas Instruments TSB41LV06APZPG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
TSB41LV06A
IEEE 1394a SIXPORT CABLE TRANSCEIVER/ARBITER
SLLS363A − SEPTEMBER 1999 − REVISED NOVEMBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR†
ABOVE TA = 25°C
TA = 70°C
POWER RATING
PZP‡
4.48 W
44.78 mW/
°C
2.46 W
PZP§
2.28 W
22.78 mW/
°C
1.25 W
PZP¶
1.32 W
13.19 mW/
°C
0.73 W
† This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
‡ 1 oz. trace and copper pad with solder.
§ 1 oz. trace and copper pad without solder.
¶ Standard JEDEC High-K board
NOTE: For more information, refer to TI application note PowerPAD Thermally Enhanced Package
TI literature number SLMA002.
recommended operating conditions
PARAMETER
MIN
TYP†
MAX
UNIT
Supply voltage, VDD
Source power node
3
3.3
3.6
V
Supply voltage, VDD
Nonsource power node
2.7‡
3
3.6
High-level input voltage, VIH
Case 1 (bus holder): ISO=VDD, VDD_5V = VDD
Case 2 (5V Tol): ISO=VDD, VDD_5V = 5V
LREQ, CTL0, CTL1, D0−D7
2.6
V
High-level input voltage, VIH
C/LKON, PC0, PC1, PC2, ISO, PD
0.7
×VDD
V
RESET
0.6
×VDD
V
Low-level input voltage, VIL
Case 1 (bus holder): ISO=VDD, VDD_5V = VDD
Case 2 (5V Tol): ISO=VDD, VDD_5V = 5 V
LREQ, CTL0, CTL1, D0−D7
1.2
V
Low-level input voltage, VIL
C/LKON, PC0, PC1, PC2, ISO, PD
0.2
×VDD
V
RESET
0.3
×VDD
V
Output current, IO
TPBIAS outputs
−5.6
1.3
mA
Maximum junction temperature TJ (see
RθJA= 17.85°C/W, TA=70°C
93.6
Maximum junction temperature TJ (see
RθJA values listed in thermal
characteristics table)
RθJA =28.22°C/W, TA=70°C
107.3
°C
RθJA values listed in thermal
characteristics table)
RθJA =49.17°C/W, TA=70°C
135.1
C
Differential input voltage, VID
Cable inputs, during data reception
118
260
mV
Differential input voltage, VID
Cable inputs, during arbitration
168
265
mV
Common-mode input voltage, VIC
TPB cable inputs, source power node
0.4706
2.515
V
Common-mode input voltage, VIC
TPB cable inputs, nonsource power node
0.4706
2.015‡
V
Power-up reset time, tpu
RESET input
2
ms
TPA, TPB cable inputs, S100 operation
±1.08
Receive input jitter
TPA, TPB cable inputs, S200 operation
±0.5
ns
Receive input jitter
TPA, TPB cable inputs, S400 operation
±0.315
ns
Between TPA and TPB cable inputs, S100 operation
±0.8
Receive input skew
Between TPA and TPB cable inputs, S200 operation
±0.55
ns
Receive input skew
Between TPA and TPB cable inputs, S400 operation
±0.5
ns
† All typical values are at VDD = 3.3 V and TA = 25°C.
‡ For a node that does not source power, see Section 4.2.2.2 in IEEE 1394a.


유사한 부품 번호 - TSB41LV06APZPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB41LV06APZP TI-TSB41LV06APZP Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
More results

유사한 설명 - TSB41LV06APZPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com