전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB81BA3D 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TSB81BA3D
상세설명  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3D 데이터시트(HTML) 2 Page - Texas Instruments

  TSB81BA3D_16 Datasheet HTML 1Page - Texas Instruments TSB81BA3D_16 Datasheet HTML 2Page - Texas Instruments TSB81BA3D_16 Datasheet HTML 3Page - Texas Instruments TSB81BA3D_16 Datasheet HTML 4Page - Texas Instruments TSB81BA3D_16 Datasheet HTML 5Page - Texas Instruments TSB81BA3D_16 Datasheet HTML 6Page - Texas Instruments TSB81BA3D_16 Datasheet HTML 7Page - Texas Instruments TSB81BA3D_16 Datasheet HTML 8Page - Texas Instruments TSB81BA3D_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
The TSB81BA3D provides the digital and analog transceiver functions needed to implement a three-port node
in a cable-based IEEE 1394 network. Each cable port incorporates two differential line transceivers. The
transceivers include circuitry to monitor the line conditions as needed for determining connection status, for
initialization and arbitration, and for packet reception and transmission. The TSB81BA3D is designed to
interface with a link-layer controller (LLC), such as the TSB82AA2, TSB12LV21, TSB12LV26, TSB12LV32,
TSB42AA4, TSB42AB4, TSB12LV01B, or TSB12LV01C. It may also be connected cable port to cable port to
an integrated 1394 Link + PHY layer such as the TSB43AB2.
The TSB81BA3D is powered by dual supplies, a 3.3-V supply for I/O and a core voltage supply. The core voltage
supply is supplied to the PLLVDD-CORE and DVDD-CORE terminals to the requirements in the recommended
operating conditions. The PLLVDD-CORE terminals must be separated from the DVDD-CORE terminals, the
PLLVDD-CORE terminals are decoupled with 1
μF and smaller decoupling capacitors, and the DVDD-CORE
terminals separately decoupled with a 1
μF and smaller decoupling capacitors. The separation between
DVDD-CORE and PLLVDD-CORE may be implemented by separate power supply rails, or by a single power
supply rail, where the DVDD-CORE and PLLVDD-CORE are separated by a filter network to keep noise from
the PLLVDD-CORE supply.
The TSB81BA3D requires an external 98.304-MHz crystal oscillator to generate a reference clock. The external
clock drives an internal phase-locked loop (PLL), which generates the required reference signal. This reference
signal provides the clock signals that control transmission of the outbound encoded information. A 49.152-MHz
clock signal is supplied to the associated LLC for synchronization of the two devices and is used for
resynchronization of the received data when operating the PHY-link interface in compliance with the IEEE
1394a−2000 standard. A 98.304-MHz clock signal is supplied to the associated LLC for synchronization of the
two devices when operating the PHY-link interface in compliance with the IEEE P1394b standard. The power
down (PD) function, when enabled by asserting the PD terminal high, stops operation of the PLL.
Data bits to be transmitted through the cable ports are received from the LLC on 2, 4, or 8 parallel paths
(depending on the requested transmission speed and PHY-link interface mode of operation). They are latched
internally, combined serially, encoded, and transmitted at 98.304, 196.608, 393.216, 491.52, or 983.04 Mbits/s
(referred to as S100, S200, S400, S400B, or S800 speed, respectively) as the outbound information stream.
The PHY-link interface can follow either the IEEE 1394a−2000 protocol or the IEEE 1394b−2002 protocol. When
using a 1394a−2000 LLC such as the TSB12LV26, the BMODE terminal must be deasserted. The PHY-link
interface then operates in accordance with the legacy 1394a−2000 standard. When using a 1394b LLC such
as the TSB82AA2, the BMODE terminal must be asserted. The PHY-link interface then conforms to the P1394b
standard.
The cable interface can follow either the IEEE 1394a−2000 protocol or the 1394b protocol on all ports. The mode
of operation is determined by the interface capabilities of the ports being connected. When any of the three ports
is connected to a 1394a−2000 compliant device, the cable interface on that port operates in the 1394a−2000
data-strobe mode at a compatible S100, S200, or S400 speed. When a bilingual port is connected to a 1394b
compliant node, the cable interface on that port operates per the P1394b standard at S400B or S800 speed.
The TSB81BA3D automatically determines the correct cable interface connection method for the bilingual ports.
NOTE:
The BMODE terminal does not select the cable interface mode of operation. The BMODE terminal
selects the PHY-link interface mode of operation and affects the arbitration modes on the cable.
When the BMODE terminal is deasserted, BOSS arbitration is disabled.
During packet reception the serial data bits are split into two-, four-, or eight-bit parallel streams (depending upon
the indicated receive speed and the PHY-link interface mode of operation), resynchronized to the local system
clock and sent to the associated LLC. The received data is also transmitted (repeated) on the other connected
and active cable ports.


유사한 부품 번호 - TSB81BA3D_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

유사한 설명 - TSB81BA3D_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com