전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431ACPG 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 TL431ACPG
상세설명  Programmable Precision References
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431ACPG 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button TL431ACPG Datasheet HTML 5Page - ON Semiconductor TL431ACPG Datasheet HTML 6Page - ON Semiconductor TL431ACPG Datasheet HTML 7Page - ON Semiconductor TL431ACPG Datasheet HTML 8Page - ON Semiconductor TL431ACPG Datasheet HTML 9Page - ON Semiconductor TL431ACPG Datasheet HTML 10Page - ON Semiconductor TL431ACPG Datasheet HTML 11Page - ON Semiconductor TL431ACPG Datasheet HTML 12Page - ON Semiconductor TL431ACPG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
9
Figure 26. Voltage Monitor
Figure 27. Single−Supply Comparator with
Temperature−Compensated Threshold
Vth = Vref
V+
Vout
Vin
R1
R3
V+
Vout
R2
R4
l
L.E.D. indicator is `on' when V+ is between the
upper and lower limits.
LowerLimit
+ 1 ) R1
R2
V
ref
UpperLimit
+ 1 ) R3
R4
V
ref
Vin
Vout
< Vref
V+
> Vref
≈ 2.0 V
Figure 28. Linear Ohmmeter
Figure 29. Simple 400 mW Phono Amplifier
* Thermalloy
* THM 6024
* Heatsink on
* LP Package
*
Tl = 330 to 8.0 W
8.0
W
+
-
LM11
2.0 mA
25 V
25 V
-5.0 V
Vout
Range
V
1.0 M
W
V
100 k
W
V
V
1.0 k
W
RX
5.0 M
1%
500 k
1%
50 k
1%
5.0 k
1%
47 k
Tone
0.05
mF
470
mF
Volume
1N5305
1.0
mF
TI
360 k
330
56 k
10 k
25 k
38 V
+
10 k
W
10 k
Calibrate
Rx + Vout D
W
V
Range


유사한 부품 번호 - TL431ACPG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
TL431ACPG ONSEMI-TL431ACPG Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431ACPG ONSEMI-TL431ACPG Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431ACPG ONSEMI-TL431ACPG Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431ACPG ONSEMI-TL431ACPG Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
TL431ACPG ONSEMI-TL431ACPG Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
More results

유사한 설명 - TL431ACPG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com