전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1033ARQZ-REEL 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 ADM1033ARQZ-REEL
상세설명  Thermal Monitor and Fan Speed (RPM) Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1033ARQZ-REEL 데이터시트(HTML) 2 Page - ON Semiconductor

  ADM1033ARQZ-REEL Datasheet HTML 1Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 2Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 3Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 4Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 5Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ADM1033
http://onsemi.com
2
Figure 1. Functional Block Diagram
RPM FAN
SPEED
CONTROLLER
SIGNAL
CONDITIONING
FAN
SPEED
COUNTER
ENHANCE
ACOUSTICS
TEMPERATURE
TO FAN SPEED
LOOK-UP TABLE
MANUAL FAN
SPEED CONTROL
REGISTERS
ADC
BAND GAP
REFERENCE
ANALOG
MULTIPLEXER
SRC
BLOCK
BAND GAP
TEMPERATURE
SENSOR
SMBUS
ADDRESS
SERIAL BUS
INTERFACE
ADDRESS
POINTER
REGISTER
STATUS
REGISTER
LIMIT
COMPARATOR
VALUE AND
LIMIT
REGISTERS
FAULT
QUEUE
HYSTERESIS
REGISTERS
OFFSET
REGISTERS
CONVERSION
RATE
REGISTER
CONFIGURATION
REGISTERS
MASK
REGISTERS
FAULT
QUEUE
THERM PERCENT
TIMER
ALERT
THERM
ADM1033
GND
5
NC = NO CONNECT
12
11
10
9
8
13
2
1
DRIVE
TACH
LOCATION
REF
D−
D+
NC
NC
VCC
6
16
15
8
3
14
7
SCL
SDA
FAN_FAULT
ALERT Comp
SMBusALERT
THERM
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VCC)
−0.3, +6.5
V
Voltage on Any Input or Output Pin except FAN_FAULT and LOCATION
−0.3 to VDD + 6.5
V
Voltage on FAN_FAULT (Note 1)
VCC
Voltage on LOCATION
VCC + 0.3
V
Input Current at Any Pin
20
mA
Maximum Junction Temperature (TJ MAX)
150
C
Storage Temperature Range
−65 to +150
C
Lead Temperature, Soldering (10 s)
300
C
IR Reflow Peak Temperature
220
C
ESD Rating − All Pins
1500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. During powerup the voltage on FAN_FAULT should not be higher than VCC.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.


유사한 부품 번호 - ADM1033ARQZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1033ARQZ-REEL AD-ADM1033ARQZ-REEL Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
logo
Analog Devices
ADM1033ARQZ-REEL7 AD-ADM1033ARQZ-REEL7 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
More results

유사한 설명 - ADM1033ARQZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033 AD-ADM1033 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com