전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP9530 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 IRFP9530
상세설명  isc P-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRFP9530 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRFP9530 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRFP9530 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc P-Channel MOSFET Transistor
IRFP9530
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= -0.25mA
-100
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=- 0.25mA
-2
-4
V
RDS(on)
Drain-Source On-Resistance
VGS= -10V; ID= -6.5A
0.3
Ω
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±
500
nA
IDSS
Zero Gate Voltage Drain Current
VDS= -100V; VGS= 0
-250
μ
A
VSD
Forward On-Voltage
IS= -12A; VGS= 0
-6.3
V
·


유사한 부품 번호 - IRFP9530

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
logo
Inchange Semiconductor ...
IRFP90N20D ISC-IRFP90N20D Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP90N20DPBF IRF-IRFP90N20DPBF Datasheet
169Kb / 8P
   SMPS MOSFET
IRFP90N20DPBF IRF-IRFP90N20DPBF Datasheet
178Kb / 9P
   High frequency DC-DC converters
IRFP90N20DPBF IRF-IRFP90N20DPBF_15 Datasheet
178Kb / 9P
   High frequency DC-DC converters
More results

유사한 설명 - IRFP9530

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
   isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
   Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
   isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
   Isc P-Channel MOSFET Transistor
FRK9150 ISC-FRK9150 Datasheet
49Kb / 2P
   isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
   isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
   isc P-Channel MOSFET Transistor
FQU17P06 ISC-FQU17P06 Datasheet
371Kb / 2P
   isc P-Channel MOSFET Transistor
SFI9520 ISC-SFI9520 Datasheet
274Kb / 2P
   isc P-Channel MOSFET Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com