전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LM324A 데이터시트(HTML) 10 Page - ON Semiconductor

부품명 LM324A
상세내용  Single Supply Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

LM324A 데이터시트(HTML) 10 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 14 page
 10 / 14 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
10
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
LM224DG
−25
°C to +85°C
SOIC−14 (Pb−Free)
55 Units/Rail
LM224DR2G
SOIC−14 (Pb−Free)
2500/Tape & Reel
LM224DTBG
TSSOP−14 (Pb−Free)
96 Units/Tube
LM224DTBR2G
TSSOP−14 (Pb−Free)
2500/Tape & Reel
LM224NG
PDIP−14 (Pb−Free)
25 Units/Rail
LM324DG
0
°C to +70°C
SOIC−14 (Pb−Free)
55 Units/Rail
LM324DR2G
SOIC−14 (Pb−Free)
2500/Tape & Reel
LM324EDR2G
SOIC−14 (Pb−Free)
2500/Tape & Reel
LM324DTBG
TSSOP−14 (Pb−Free)
96 Units/Tube
LM324DTBR2G
TSSOP−14 (Pb−Free)
2500/Tape & Reel
LM324NG
PDIP−14 (Pb−Free)
25 Units/Rail
LM324ADG
SOIC−14 (Pb−Free)
55 Units/Rail
LM324ADR2G
SOIC−14 (Pb−Free)
2500/Tape & Reel
LM324ADTBG
TSSOP−14 (Pb−Free)
96 Units/Tube
LM324ADTBR2G
TSSOP−14 (Pb−Free)
2500/Tape & Reel
LM324ANG
PDIP−14 (Pb−Free)
25 Units/Rail
LM2902DG
−40
°C to +105°C
SOIC−14 (Pb−Free)
55 Units/Rail
LM2902DR2G
SOIC−14 (Pb−Free)
2500/Tape & Reel
LM2902EDR2G
SOIC−14 (Pb−Free)
2500/Tape & Reel
LM2902DTBG
TSSOP−14 (Pb−Free)
96 Units/Tube
LM2902DTBR2G
TSSOP−14 (Pb−Free)
2500/Tape & Reel
LM2902NG
PDIP−14 (Pb−Free)
25 Units/Rail
LM2902VDG
−40
°C to +125°C
SOIC−14 (Pb−Free)
55 Units/Rail
LM2902VDR2G
SOIC−14 (Pb−Free)
2500/Tape & Reel
LM2902VDTBG
TSSOP−14 (Pb−Free)
96 Units/Tube
LM2902VDTBR2G
TSSOP−14 (Pb−Free)
2500/Tape & Reel
LM2902VNG
PDIP−14 (Pb−Free)
25 Units/Rail
NCV2902DR2G*
SOIC−14 (Pb−Free)
2500/Tape & Reel
NCV2902DTBR2G*
TSSOP−14 (Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn